Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STBB2J-29 Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza STBB2J-29
Descripción Electrónicos  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2J-29 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STBB2J-29 Datasheet HTML 7Page - STMicroelectronics STBB2J-29 Datasheet HTML 8Page - STMicroelectronics STBB2J-29 Datasheet HTML 9Page - STMicroelectronics STBB2J-29 Datasheet HTML 10Page - STMicroelectronics STBB2J-29 Datasheet HTML 11Page - STMicroelectronics STBB2J-29 Datasheet HTML 12Page - STMicroelectronics STBB2J-29 Datasheet HTML 13Page - STMicroelectronics STBB2J-29 Datasheet HTML 14Page - STMicroelectronics STBB2J-29 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID022745 Rev 9
11/25
STBB2
Typical performance characteristics
Figure 7. Efficiency vs. output current (power save mode enabled VOUT = 3.4 V)
Figure 8. Efficiency vs. output current (power save mode disabled VOUT = 3.4 V)
Figure 9. Efficiency vs. output current (power save mode enabled VOUT = 2.9 V)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
IOUT [mA ]
=
Vin
V
2.5
=
Vin
V
3.6
=
Vin
V
4.5
enabled
Power save mode
VOUT = 3.4 V
AM01436v1
AM10437v1
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
IOUT [mA]
Vin = 2.5V
Vin = 3.6V
Vin = 4.5V
VOUT = 3.4 V
Power save mode disabled
AM10438v1
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
IOUT [mA]
Vin = 2.5V
Vin = 3.6V
Vin = 4.5V
VOUT = 2.9 V
Power save mode enabled


Número de pieza similar - STBB2J-29

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
STBB010 EIC-STBB010 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB011 EIC-STBB011 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB012 EIC-STBB012 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB013 EIC-STBB013 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB015 EIC-STBB015 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - STBB2J-29

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-ISA109V1 STMICROELECTRONICS-STEVAL-ISA109V1 Datasheet
78Kb / 4P
   800 mA, 3 MHz, high efficiency dual mode buck-boost DC-DC converter based on the STBB2 Data brief
October 2012 Rev 1
STEVAL-ISA109V2 STMICROELECTRONICS-STEVAL-ISA109V2 Datasheet
249Kb / 4P
   800 mA, 3 MHz, adjustable output high efficiency dual-mode buck-boost DC-DC converter based on the STBB2
April 2013 Rev 1
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Analog Devices
ADP2503 AD-ADP2503_V01 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com