Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
745211-9 Datasheet(PDF) 7 Page - Tyco Electronics |
|
745211-9 Datasheet(HTML) 7 Page - Tyco Electronics |
7 / 66 page 96 Catalog 82068 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 AMPLIMITE Subminiature D Connectors HDP-20 Shielding Hardware Enclosure Kits .812 [20.62] Typ. .125 [3.18] Max. 1.467 [37.26] Typ. Expanding Neck Accommodates Cable Each Kit Contains: I Connector I Inner shield I Outer shield I Enclosure I Two jackscrews Contacts and ferrules must be purchased separately. Material and Finish: Connector Shells—Steel, tin plated. Connector Insert—94V-0 rated thermoplastic, black Shield—Steel, tin plated Enclosure—PVC, black Jackscrews—Zinc alloy Related Product Data: Contact Arrangements—page 40 Performance Characteristics— page 41 Contacts—pages 100, 101 Application Tooling—page 102 Mateable Connectors: HDE—pages 110-123 HDP—pages 90-102 HD-20 Board Mount— pages 54-71, 78-85, 87-89 Mating/Panel Mounting—page 42 Mating Hardware—pages 146-150, 153, 155 Ferrules—page 99 Technical Documents: Product Specifications— 108-40005 108-40030 Application Specifications— 114-10000 114-40030 Instruction Sheet—408-9172 Note: Instruction Sheets for TE Tooling are packaged with the tooling. For additional information call the Tooling Assistance Center: 1-800-722-1111. Plug F Max E Max. Plug Connector HDP-20 Shield Qty. 2 Jackscrew Qty. 2 Cable Ref. Ferrule (Must Be Purchased Separately, As Required By Cable Diameter Enclosure D Max. |
Número de pieza similar - 745211-9 |
|
Descripción similar - 745211-9 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |