Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SA19A Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd. |
|
SA19A Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd. |
3 / 6 page Axial Lead Transient Voltage Suppressors (TVS) Revision August 25, 2013 3 / 6 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SA Series 5.0 To 190 V 500W SOCAY Electronics Co., Ltd. www.socay.com Part Number Breakdown Voltage VBR (V) @IT Uni Bi Reverse Stand-Off Voltage VRWM (V) MIN MAX Test Current IT (mA) Maximum Clamping Voltage VC @IPP (V) Maximum Peak Pulse Current IPP (A) Maximum Reverse Leakage IR @VRWM ( μA) SA43 SA43C 43.0 47.80 58.40 1 76.7 6.52 5 SA43A SA43CA 43.0 47.80 52.80 1 69.4 7.20 5 SA45 SA45C 45.0 50.00 61.10 1 80.3 6.23 5 SA45A SA45CA 45.0 50.00 55.30 1 72.7 6.88 5 SA48 SA48C 48.0 53.30 65.10 1 85.5 5.85 5 SA48A SA48CA 48.0 53.30 58.90 1 77.4 6.46 5 SA51 SA51C 51.0 56.70 69.30 1 91.1 5.49 5 SA51A SA51CA 51.0 56.70 62.70 1 82.4 6.07 5 SA54 SA54C 54.0 60.00 73.30 1 96.3 5.19 5 SA54A SA54CA 54.0 60.00 66.30 1 87.1 5.74 5 SA58 SA58C 58.0 64.40 78.70 1 103.0 4.85 5 SA58A SA58CA 58.0 64.40 71.20 1 93.6 5.34 5 SA60 SA60C 60.0 66.70 81.50 1 107.0 4.67 5 SA60A SA60CA 60.0 66.70 73.70 1 96.8 5.17 5 SA64 SA64C 64.0 71.10 86.90 1 114.0 4.39 5 SA64A SA64CA 64.0 71.10 78.60 1 103.0 4.85 5 SA70 SA70C 70.0 77.80 95.10 1 125.0 4.00 5 SA70A SA70CA 70.0 77.80 86.00 1 113.0 4.42 5 SA75 SA75C 75.0 83.30 102.00 1 134.0 3.37 5 SA75A SA75CA 75.0 83.30 92.10 1 121.0 4.13 5 SA78 SA78C 78.0 86.70 106.00 1 139.0 3.60 5 SA78A SA78CA 78.0 86.70 95.80 1 126.0 3.97 5 SA80 SA80C 80.0 88.96 108.80 1 143.2 3.49 5 SA80A SA80CA 80.0 88.80 97.60 1 129.6 3.86 5 SA85 SA85C 85.0 94.40 115.00 1 151.0 3.31 5 SA85A SA85CA 85.0 94.40 104.00 1 137.0 3.65 5 SA90 SA90C 90.0 100.00 122.00 1 160.0 3.13 5 SA90A SA90CA 90.0 100.00 111.00 1 146.0 3.42 5 SA100 SA100C 100.0 111.00 136.00 1 179.0 2.79 5 SA100A SA100CA 100.0 111.00 123.00 1 162.0 3.09 5 SA110 SA110C 110.0 122.00 149.00 1 196.0 2.55 5 SA110A SA110CA 110.0 122.00 135.00 1 177.0 2.82 5 SA120 SA120C 120.0 133.00 163.00 1 214.0 2.34 5 SA120A SA120CA 120.0 133.00 147.00 1 193.0 2.59 5 SA130 SA130C 130.0 144.00 176.00 1 231.0 2.16 5 SA130A SA130CA 130.0 144.00 159.00 1 209.0 2.39 5 SA140 SA140C 140.0 155.68 190.40 1 250.6 2.00 5 SA140A SA140CA 140.0 155.00 171.00 1 226.8 2.20 5 SA150 SA150C 150.0 167.00 204.00 1 268.0 1.87 5 SA150A SA150CA 150.0 167.00 185.00 1 243.0 2.06 5 SA160 SA160C 160.0 178.00 218.00 1 287.0 1.74 5 SA160A SA160CA 160.0 178.00 197.00 1 259.0 1.93 5 SA170 SA170C 170.0 189.00 231.00 1 304.0 1.64 5 SA170A SA170CA 170.0 189.00 209.00 1 275.0 1.82 5 SA180 SA180C 180.0 201.00 244.80 1 322.2 1.55 5 SA180A SA180CA 180.0 201.00 220.00 1 291.6 1.71 5 SA190 SA190C 190.0 211.21 258.40 1 340.1 1.47 5 SA190A SA190CA 190.0 211.00 232.00 1 307.8 1.62 5 Note: 1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device 2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices 3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double Electrical Characteristics (TA=25℃ unless otherwise noted) (Continue) |
Número de pieza similar - SA19A |
|
Descripción similar - SA19A |