Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SA30CA Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd. |
|
SA30CA Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd. |
5 / 6 page Axial Lead Transient Voltage Suppressors (TVS) Revision August 25, 2013 5 / 6 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SA Series 5.0 To 190 V 500W SOCAY Electronics Co., Ltd. www.socay.com Temperature Cycle JESD22-A104 Weight 0.015 ounce, 0.4 gram Pressure Cooker JESD22-A102 Case JEDEC DO-204AC (DO-15) Molded Plastic over glass passivated junction High Temp. Storage JESD22-A103 Polarity Color band denotes cathode except Bipolar HTRB JESD22-A108 Terminal Matte Tin-plated leads, Solderable per JESD22-B102D Thermal Shock JESD22-A106 Reflow Condition Lead –free assembly -Temperature Min (Ts(min)) 150 °C -Temperature Max (Ts(max)) 200 °C Pre Heat - Time (min to max) (ts) 60 -180 Seconds Average ramp up rate ( Liquidus Temp TL) to peak 3 °C/second max TS(max) to TL - Ramp-up Rate 3 °C/second max - Temperature (TL) (Liquidus) 217 °C Reflow - Time (min to max) (ts) 60 -150 Seconds Peak Temperature (TP) 260 +0/-5 °C Time within 5 °C of actual peak Temperature (tp) 20 -40 Seconds Ramp-down Rate 6 °C/second max Time 25 °C to peak Temperature (T P) 8 minutes Max Do not exceed 280 °C Ramp-down Preheat Critical Zone TL to TP Time to peak temperature (t 25℃ to peak) TP TL TS(max) TS(min) 25 Ramp-up Time I-V Curve Characteristics Physical Specifications Environmental Specifications Soldering Parameters |
Número de pieza similar - SA30CA |
|
Descripción similar - SA30CA |