Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D-3100S Datasheet(PDF) 6 Page - Tyco Electronics

No. de pieza D-3100S
Descripción Electrónicos  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

D-3100S Datasheet(HTML) 6 Page - Tyco Electronics

Back Button D-3100S Datasheet HTML 2Page - Tyco Electronics D-3100S Datasheet HTML 3Page - Tyco Electronics D-3100S Datasheet HTML 4Page - Tyco Electronics D-3100S Datasheet HTML 5Page - Tyco Electronics D-3100S Datasheet HTML 6Page - Tyco Electronics D-3100S Datasheet HTML 7Page - Tyco Electronics D-3100S Datasheet HTML 8Page - Tyco Electronics D-3100S Datasheet HTML 9Page - Tyco Electronics D-3100S Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
39
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
Application Tooling
(Continued)
Hand Tool
This hand tool is designed to be capable of handling most Factory
Automation (FA) related crimping operations by a single tool in order
to simplify harness fabrications suited to the specific needs of FA
market. The equipment forming the nucleus of the FA system
includes PCs, CNCs, servodrivers and servomotors. And the wire
used in connecting this equipment ranges in wire size from
#26-20 AWG which applies to signal circuits to #18-16 AWG which
is for power circuits (See Sketch below).
Crimping Range A, B, and
C are for explanation
purposes only and are not
marked on the tool body.
For right-handed use
Hand Tool P/N : 58571-1
Die Set P/N : 58571-2
The frame of right-handed tool
has the same configuration as
that of Economy Type (II) and
PRO-CRIMPER II Hand Tool
(See PRO-CRIMPER Hand Tool
Catalog). So die sets are
interchangeable.
Servomotor /
Servodriver
Typical Application
D-3200M
Free-hanging Type
D-3100D
Free-hanging Type
D-3200M
Board-mounting
Horizontal Type
26~24 AWG
(Crimp with A range
using M contacts)
22~20 AWG
(Crimp with B range
using M contacts)
18~16 AWG
(Crimp with C range
using L contacts)
D-3100D
Board-mounting
Horizontal Type


Número de pieza similar - D-3100S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
D-3100S MACOM-D-3100S Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
More results

Descripción similar - D-3100S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
   Wire-to-Board, Wire-to-Panel and Wire-to-Wire
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com