Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMEN-230B Datasheet(PDF) 3 Page - Sanken electric

No. de pieza FMEN-230B
Descripción Electrónicos  Silicon Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMEN-230B Datasheet(HTML) 3 Page - Sanken electric

  FMEN-230B Datasheet HTML 1Page - Sanken electric FMEN-230B Datasheet HTML 2Page - Sanken electric FMEN-230B Datasheet HTML 3Page - Sanken electric FMEN-230B Datasheet HTML 4Page - Sanken electric FMEN-230B Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANKEN ELECTRIC CO., LTD.
FMEN-230B
101007
3/5
61426-01
6. Characteristics
IF(AV) - PF
Average Forward Current (A)
VR - PR
Reverse Voltage (V)
0
10
20
0
50
100
150
0
10
20
30
40
0
10
20
30
Tj=150°C
t
T
t/T=1/6
Tj=150°C
t
T
1-t/T=5/6
sinewave
1-t/T=2/3
1-t/T=1/2
DC
t/T=1/2
t/T=1/3,sinewave


Número de pieza similar - FMEN-230B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
FMEN-230B SANKEN-FMEN-230B Datasheet
262Kb / 5P
   Silicon Schottky Barrier Diode
More results

Descripción similar - FMEN-230B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
   Silicon Schottky Barrier Diode
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
   Silicon Schottky Barrier Diode
logo
Nanjing International G...
1N60P DGNJDZ-1N60P Datasheet
75Kb / 1P
   SILICON SCHOTTKY BARRIER DIODE
logo
National Semiconductor ...
HPC36164 NSC-HPC36164 Datasheet
348Kb / 5P
   Silicon Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
SD784WS SEMTECH_ELEC-SD784WS Datasheet
176Kb / 3P
   SILICON SCHOTTKY BARRIER DIODE
logo
Guangdong Kexin Industr...
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
   Silicon Schottky Barrier Diode
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
logo
Sanken electric
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
   Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode
SJPA-D3 SANKEN-SJPA-D3 Datasheet
128Kb / 5P
   Silicon Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com