Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2SC4370 Datasheet(PDF) 2 Page - Savantic, Inc. |
|
2SC4370 Datasheet(HTML) 2 Page - Savantic, Inc. |
2 / 3 page SavantIC Semiconductor Product Specification 2 Silicon NPN Power Transistors 2SC4370 CHARACTERISTICS Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT V(BR)CEO Collector-emitter breakdown voltage IC=10mA ;IB=0 160 V VCEsat Collector-emitter saturation voltage IC=0.5A; IB=50mA 1.5 V VBE Base-emitter on voltage IC=0.5A;VCE=5V 1.0 V ICBO Collector cut-off current VCB=160V; IE=0 1.0 µA IEBO Emitter cut-off current VEB=5V; IC=0 1.0 µA hFE DC current gain IC=0.1A ; VCE=5V 70 240 fT Transition frequency IC=0.1A ; VCE=10V 100 MHz COB Collector output capacitance f=1MHz;VCB=10V 25 pF hFE Classifications O Y 70-140 120-240 |
Número de pieza similar - 2SC4370 |
|
Descripción similar - 2SC4370 |