Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6132L-K08-2020-R Datasheet(PDF) 1 Page - Unisonic Technologies

No. de pieza L6132L-K08-2020-R
Descripción Electrónicos  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6132L-K08-2020-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L6132L-K08-2020-R Datasheet HTML 1Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 2Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 3Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 4Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 5Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 6Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 7Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 8Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L6132
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 11
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R105-045.B
GENERAL PURPOSE, LOW
VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL
AMPLIFIERS
DESCRIPTION
The UTC L6132 is a dual op amp with low supply current and low
voltage (2.7-5.5V). It brings nice performance to low voltage and low
power systems. With a 1MHz unity-gain frequency. The UTC L6132
has a guaranteed 1 V/µs slew rate and low supply current. It
provides heavy rail-to-rail (R-to-R) output swing loads and the input
common-mode voltage range including ground. Besides, it is also
capable for comfortably driving large capacitive loads.
The UTC L6132 has bipolar input and CMOS output for improved
noise performance and higher output current drive. It’s the most cost
effective solution for the applications where low voltage operation,
space saving and low price are required.
FEATURES
* 2.7V and 5V Performance Guaranteed
* No Crossover Distortion
* 210µA Low Supply Current
* Rail-to-Rail Output Swing
@10k
Ω Load V+ -10mV
V
+65mV
* VCM From -0.2V to V
+ -0.8V
DFN-8(2x2)
1
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L6132L-K08-2020-R
L6132G-K08-2020-R
DFN-8(2X2)
Tape Reel
Note:
xx: Output Voltage, refer to Marking Information.
L6132L-K08-2020-R
(1)Packing Type
(2)Package Type
(3)Halogen Free
(1) R: Tape Reel
(2) K08-2020: DFN-8(2×2)
(3) L: Lead Free, G: Halogen Free
MARKING (For DFN-8(2×2))
L6132G
XXXX
Date Code


Número de pieza similar - L6132L-K08-2020-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
L6132L-K08-2020-R UTC-L6132L-K08-2020-R Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results

Descripción similar - L6132L-K08-2020-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358 Datasheet
412Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LPV321 NSC-LPV321 Datasheet
715Kb / 21P
   General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV358 TI1-LPV358 Datasheet
798Kb / 23P
[Old version datasheet]   GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com