Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U1950-5 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

No. de pieza U1950-5
Descripción Electrónicos  TO CHANGE WITHOUT NOTICE ACCESSORIES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

U1950-5 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button U1950-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers U1950-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers U1950-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers U1950-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers U1950-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers U1950-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers U1950-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers U1950-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers U1950-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
D
D7
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
SECURITY GUARDS for switch series 12000, 3500, 600H and 6000
Series 20 - for 2 position switches
Actuator returned then locked in down position (OFF)
Series 40 - for 2 position switches
Actuator returned then locked in upper position
MODEL NO. COLOR
22
Gray
23
White
24
Orange
25
Black
26
Red
27
Green
28
Yellow
25/28
Black/yellow striped
G Security guards prevent inadvertent switch operation.
G When guard cap is raised, switch actuator operates freely.
G When guard cap is depressed, switch actuator is locked
in set position.
G Designed for use on switches with 11.9mm (.468") or
12mm (.472") dia. threaded bushings and actuator length
17.5mm (.688") outside bushing .
G Adjust guard for correct switch operation with 2 nuts.
MATERIALS
Support plate:
Matte black steel
Cap:
Thermoset plastic
Series 30 - for 3 position switches
Actuator returned then locked in upper position
MODEL NO. COLOR
32
Gray
33
White
34
Orange
35
Black
36
Red
37
Green
38
Yellow
39
Yellow
35/38
Black/yellow striped
MODEL NO. COLOR
42
Gray
43
White
44
Orange
45
Black
46
Red
47
Green
48
Yellow
49
Blue
45/48
Black/yellow striped
FEATURES


Número de pieza similar - U1950-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
U1950-5 ETC2-U1950-5 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
More results

Descripción similar - U1950-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
1418JF9 HAMMOND-1418JF9 Datasheet
150Kb / 1P
   Data subject to change without notice
1418JL9 HAMMOND-1418JL9 Datasheet
155Kb / 1P
   Data subject to change without notice
1436A HAMMOND-1436A Datasheet
138Kb / 1P
   Data subject to change without notice
1438B HAMMOND-1438B Datasheet
153Kb / 1P
   Data subject to change without notice
1438S HAMMOND-1438S Datasheet
152Kb / 1P
   Data subject to change without notice
1418JC7 HAMMOND-1418JC7 Datasheet
154Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
1418JD9 HAMMOND-1418JD9 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
EJ444 HAMMOND-EJ444 Datasheet
134Kb / 1P
   Data subject to change without notice
1418JJ9 HAMMOND-1418JJ9 Datasheet
147Kb / 1P
   Data subject to change without notice
1418JK9 HAMMOND-1418JK9 Datasheet
149Kb / 1P
   Data subject to change without notice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com