Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSB302G-T9B-K Datasheet(PDF) 2 Page - Unisonic Technologies

No. de pieza SSB302G-T9B-K
Descripción Electrónicos  ZCB snubber
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SSB302G-T9B-K Datasheet(HTML) 2 Page - Unisonic Technologies

  SSB302G-T9B-K Datasheet HTML 1Page - Unisonic Technologies SSB302G-T9B-K Datasheet HTML 2Page - Unisonic Technologies SSB302G-T9B-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SSB302
Preliminary
ZCB snubber
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R225-004.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Breakdown Voltage
VCB
700
V
Collector Current
IC
1.5
A
Peak Forward Surge Current (8.3ms Single Half)
IFSM
3
A
Collector Power Dissipation
PC
750
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Breakdown Voltage
VCB
IC=100μA
700
V
Forward Voltage
VF
IC=0.5A
0.8
V
IC=1A
0.9
V
IC=1.5A
1.1
2.0
V
Reverse Current
ICB
CB=700V
1
μA


Número de pieza similar - SSB302G-T9B-K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
SSB302G-T9B-K UTC-SSB302G-T9B-K Datasheet
161Kb / 3P
   ZCB snubber
More results

Descripción similar - SSB302G-T9B-K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
SSB303 UTC-SSB303_15 Datasheet
161Kb / 3P
   ZCB snubber
SSB303 UTC-SSB303 Datasheet
142Kb / 3P
   ZCB snubber
SSB302 UTC-SSB302_15 Datasheet
161Kb / 3P
   ZCB snubber
logo
Okaya Electric America,...
VE155-A OKAYA-VE155-A_14 Datasheet
223Kb / 1P
   SNUBBER CAPACITOR
logo
Electronic Film Capacit...
MF1206 EFC-MF1206 Datasheet
44Kb / 5P
   POLYPROPYLENE SNUBBER
logo
Okaya Electric America,...
CF99MPP474 OKAYA-CF99MPP474_14 Datasheet
309Kb / 1P
   SNUBBER CAPACTOR
AFV OKAYA-AFV Datasheet
333Kb / 1P
   SNUBBER CAPACITOR
logo
Cornell Dubilier Electr...
SNU CDE-SNU Datasheet
203Kb / 2P
   Snubber Capacitors
logo
Okaya Electric America,...
CF99MPP474 OKAYA-CF99MPP474 Datasheet
309Kb / 1P
   SNUBBER CAPACITOR
logo
Electronic Film Capacit...
M1206 EFC-M1206 Datasheet
45Kb / 5P
   POLYPROPYLENE SNUBBER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com