|
| 1N914THRU1N4454 |
|
|||
|
CHENYI |
|
|
1 page
1N914 THRU 1N4454 SMALL SIGNAL SWITCHING DIODE FEATURES . Silicon epitaxial planar diode . Fast swithching diodes . 1N4149, 1N4447, 1N4449 are also avaible in glass case DO-34 MECHANICAL DATA . Case: DO-35 glass case . Polarity: Color brand denotes cathode end . Weight: Approx. 0.13gram Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Peak Max. Max. Max. reverse Aver. Power Junction voltage Rectified Dissip tempera- VRM(V) Current At 25 ture I(AV)Ma Ptot(mW) TJ VF at IF IR at trr(ns) (V) (mA) (nA) VR(V) Max. 1N914 100 75 500 200 1.0 10 25 20 4.0 IF=10mA, VR=6V, RL=100 , to IR=1mA 1N41491) 100 150 500 200 1.0 10 25 20 4.0 IF=10mA, VR=6V, RL=100 , to IR=1mA 1N4150 50 200 500 200 1.0 200 100 50 4.0 IF=IR=10 to 200mA, to 0.1 IF 1N4152 40 150 400 175 0.55 0.10 50 30 2.0 IF=10mA, VR=6V, RL=100 , to IR=1mA 1N4153 75 150 400 175 0.55 0.10 50 50 2.0 IF=10mA, VR=6V, RL=100 , to IR=1mA 1N4154 35 1502) 500 200 1.0 0.10 100 25 2.0 IF=10mA, VR=6V, RL=100 , to IR=1mA 1N44471) 100 150 500 200 1.0 20 25 20 4.0 IF=10mA, VR=6V, RL=100 , to IR=1mA 1N44491) 100 150 500 200 1.0 30 25 20 4.0 IF=10mA, VR=6V, RL=100 , to IR=1mA 1N4450 40 150 400 175 0.54 0.50 50 30 4.0 IF=IR=10mA to, IR=1mA 1N4451 40 150 400 175 0.50 0.10 50 30 10 IF=IR=10mA to, IR=1mA 1N4453 30 150 400 175 0.55 0.01 50 20 1N4454 75 150 400 175 1.0 10 100 50 4.0 IF=IR=10mA to, IR=1mA Notes: 1.These diodes are also available in glass case DO-34 2.Valid provided that leads at a distance of 8mm from case are kept at ambient temperature parameters for diodes in case DO-34: Ptot=300mW TSTG=-65 to +175 TJ=175 R JA=400K/W Type Max. Forward Voltage drop Test conditions Max. Reverse Current Max. Reverse Recovery Time Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD Page 1 of 1 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| MMBD7000 | DUAL SMALL SIGNAL SWITCHING DIODE | 1 2 | General Semiconductor |
| MMBD914 | SMALL SIGNAL SWITCHING DIODE | 1 | General Semiconductor |
| 1N4151W-V | Small Signal Fast Switching Diode | 1 2 3 4 5 More | Vishay Siliconix |
| 1N4148 | SMALL SIGNAL SWITCHING DIODE | 1 2 3 | Shanghai Lunsure Electronic Tech |
| 1N4151 | SMALL SIGNAL SWITCHING DIODE | 1 2 3 | Shanghai Lunsure Electronic Tech |
| 1N4448 | SMALL SIGNAL SWITCHING DIODE | 1 2 3 | Shanghai Lunsure Electronic Tech |
| LL4148 | SMALL SIGNAL SWITCHING DIODE | 1 2 3 | Shanghai Lunsure Electronic Tech |
| LL4151 | SMALL SIGNAL SWITCHING DIODE | 1 2 3 | Shanghai Lunsure Electronic Tech |
| LL4448 | SMALL SIGNAL SWITCHING DIODE | 1 2 3 | Shanghai Lunsure Electronic Tech |
| BAT60J | SMALL SIGNAL SCHOTTKY DIODE | 1 2 3 4 5 | STMicroelectronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |