Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5064 Datasheet(PDF) 1 Page - Digitron Semiconductors

No. de pieza 2N5064
Descripción Electrónicos  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIGITRON [Digitron Semiconductors]
Página de inicio  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N5064 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N5064 Datasheet HTML 1Page - Digitron Semiconductors 2N5064 Datasheet HTML 2Page - Digitron Semiconductors 2N5064 Datasheet HTML 3Page - Digitron Semiconductors 2N5064 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N5060-2N5064
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage (1)
(TJ = -40 to +110°C, sine wave, 50 to 60 Hz, gate open)
2N5060
2N5061
2N5062
2N5064
VDRM
VRRM
30
60
100
200
V
On-state current RMS (180° conduction angles, TC = 80°C)
IT(RMS)
0.8
A
Average on-state current
(180° conduction angles)
(TC = 67°C)
(TC = 102°C)
IT(AV)
0.51
0.255
A
Peak non-repetitive surge current
(TA = 25°C)
(1/2 cycle, sine wave, 60Hz)
ITSM
10
A
Circuit fusing considerations
(t = 8.3 ms)
I2t
0.4
A2s
Average on-state current
(180° conduction angles)
(TC = 67°C)
(TC = 102°C)
IT(AV)
0.51
0.255
A
Forward peak gate power
(Pulse width ≤ 1.0µsec; TA = 25°C)
PGM
0.1
W
Forward average gate power
(TA = 25°C, t = 8.3ms)
PG(AV)
0.01
W
Forward peak gate current
(Pulse width ≤ 1.0µsec; TA = 25°C)
IGM
1.0
A
Reverse peak gate voltage
(Pulse width ≤ 1.0µsec; TA = 25°C)
VRGM
5.0
V
Operating junction temperature range
TJ
-40 to +110
°C
Storage temperature range
Tstg
-40 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not
valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
1.
VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate voltage shall not be applied concurrent with
negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal resistance, junction to case
R
θJC
75
°C/W
Thermal resistance, junction to ambient
R
θJA
200
°C/W
Lead solder temperature
(lead length ≥ 1/16” from case, 10 s max.)
-
230
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak repetitive forward or reverse blocking current (2)
(VAK = Rated VDRM or VRRM)
TC = 25°C
TC = 110°C
IDRM, IRRM
-
-
-
-
10
50
µA
ON CHARACTERISTICS
Peak forward on-state voltage (3)
(ITM = 1.2 A peak @ TA = 25°C)
VTM
-
-
1.7
V
Gate trigger current (continuous DC) (4)
(VAK = 7.0 Vdc, RL = 100 Ω)
TC = 25°C
TC = -40°C
IGT
-
-
-
-
200
350
µA
Gate trigger voltage (continuous DC) (4)
(VAK = 7.0 Vdc, RL = 100 Ω)
TC = 25°C
TC = -40°C
VGT
-
-
-
-
0.8
1.2
V
Gate non-trigger voltage
(VAK = rated VDRM, RL = 100 Ω) TC = 110°C
VGD
0.1
-
-
V
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Número de pieza similar - 2N5064

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
2N5064 PHILIPS-2N5064 Datasheet
17Kb / 4P
   Thyristor sensitive gate
October 1997 Rev 1.200
logo
New Jersey Semi-Conduct...
2N5064 NJSEMI-2N5064 Datasheet
44Kb / 1P
   Silicon Controlled Rectifiers
logo
Boca Semiconductor Corp...
2N5064 BOCA-2N5064 Datasheet
31Kb / 1P
   SCRs (Silicon Controlled Rectifiers)
logo
Central Semiconductor C...
2N5064 CENTRAL-2N5064 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
ON Semiconductor
2N5064 ONSEMI-2N5064 Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
More results

Descripción similar - 2N5064

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com