Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8692 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD8692
Descripción Electrónicos  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8692 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8692 Datasheet HTML 7Page - Analog Devices AD8692 Datasheet HTML 8Page - Analog Devices AD8692 Datasheet HTML 9Page - Analog Devices AD8692 Datasheet HTML 10Page - Analog Devices AD8692 Datasheet HTML 11Page - Analog Devices AD8692 Datasheet HTML 12Page - Analog Devices AD8692 Datasheet HTML 13Page - Analog Devices AD8692 Datasheet HTML 14Page - Analog Devices AD8692 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 11 of 20
1k
0.01
0.1
1
10
100
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4692-2
VSY = ±1.35V
TA = 25°C
AV = –100
AV = –10
AV = –1
Figure 27. Output Impedance vs. Frequency
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4692-2
VSY = ±1.35V
TA = 25°C
Figure 28. CMRR vs. Frequency
100
80
60
40
20
–20
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR+
PSRR–
ADA4692-2
VSY = ±1.35V
TA = 25°C
Figure 29. PSRR vs. Frequency
1k
0.01
0.1
1
10
100
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4692-2
VSY = ±2.5V
TA = 25°C
AV = –100
AV = –10
AV = –1
Figure 30. Output Impedance vs. Frequency
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4692-2
VSY = ±2.5V
TA = 25°C
Figure 31. CMRR vs. Frequency
100
80
60
40
20
–20
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR–
PSRR+
ADA4692-2
VSY = ±2.5V
TA = 25°C
Figure 32. PSRR vs. Frequency


Número de pieza similar - AD8692

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8692 AD-AD8692 Datasheet
277Kb / 12P
   Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
REV. 0
AD8692 AD-AD8692 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8692 AD-AD8692 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8692 AD-AD8692 Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
AD8692 AD-AD8692 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
More results

Descripción similar - AD8692

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
[Old version datasheet]   Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4691-2 AD-ADA4691-2 Datasheet
1Mb / 16P
   Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com