Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM324ANSR Datasheet(PDF) 7 Page - National Semiconductor (TI) |
|
|
LM324ANSR Datasheet(HTML) 7 Page - National Semiconductor (TI) |
7 / 34 page VO − + RL CL VI VCC+ VCC− VO − + 100 Ω VCC+ VCC− RS 900 Ω VI = 0 V LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV www.ti.com SLOS066V – SEPTEMBER 1975 – REVISED JANUARY 2014 Operating Conditions VCC = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT SR Slew rate at unity gain RL = 1 MΩ, CL = 30 pF, VI = ±10 V (see Figure 1) 0.5 V/ μs B1 Unity-gain bandwidth RL = 1 MΩ, CL = 20 pF (see Figure 1) 1.2 MHz Vn Equivalent input noise voltage RS = 100 Ω, VI = 0 V, f = 1 kHz (see Figure 2) 35 nV/ √Hz Figure 1. Unity-Gain Amplifier Figure 2. Noise-Test Circuit Copyright © 1975–2014, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM124 LM124A LM224 LM224A LM324 LM324A LM2902 LM2902V LM224K LM224KA LM324K LM324KA LM2902K LM2902KV LM2902KAV |
Número de pieza similar - LM324ANSR |
|
Descripción similar - LM324ANSR |