Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA7824CP-E2 Datasheet(PDF) 8 Page - Rohm |
|
BA7824CP-E2 Datasheet(HTML) 8 Page - Rohm |
8 / 15 page BA78□□Series,BA78M□□Series Technical Note 8/12 www.rohm.com 2012.03 - Rev.C © 2012 ROHM Co., Ltd. All rights reserved. ●BA78□□ Characteristics data (Ta=25℃, Vin=10V(05), 14V(08), 23V(15) unless otherwise specified) Io=0mA BA7805 BA7808 BA7815 Fig.23 Ta - Ib 0 1 2 3 4 5 6 -40 -20 0 20 40 60 80 100 Ta [℃] Io=0mA BA7805 BA7808 BA7815 0 1 2 3 4 5 6 0 5 10 15 20 25 30 Vin [V] Ta=25℃ Io=0mA BA7805 BA7808 BA7815 Fig.16 Vin - Ib 0 5 10 15 20 0.0 0.5 1.0 1.5 2.0 Io [A] Ta=25℃ BA7815 BA7808 BA7805 Fig.17 Load Regulation 0.0 0.5 1.0 1.5 2.0 0 5 10 15 20 25 30 Vin [V] Fig.18 Peak Output Current Ta=25℃ BA7815 BA7808 BA7805 0.0 0.5 1.0 1.5 2.0 0 0.2 0.4 0.6 0.8 1 Io [A] Ta=25℃ BA7805 BA7808 BA7815 Fig.19 Dropout Voltage 0 0.5 1 1.5 2 0 5 10 15 20 25 30 Vin [V] Ta=25℃ BA7805 BA7808 BA7815 Fig.20 Short – Circuit Output Current 0 1 2 3 4 5 6 0 0.2 0.4 0.6 0.8 1 Io [A] Ta=25℃ BA7815 BA7808 BA7805 Fig.24 Io - Ib -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 -40 -20 0 204060 80 100 Ta [℃] Io=5mA BA7815 BA7808 BA7805 Fig.22 Ta - Vo Fig.13 Line Regulation (Io=0mA) 0 5 10 15 20 0 5 10 15 20 25 30 Vin [V] Ta=25℃ Io=0mA BA7805 BA7808 BA7815 Fig.14 Line Regulation (Io=500mA) 0 5 10 15 20 0 5 10 15 20 25 30 Vin [V] Ta=25℃ Io=500mA BA7805 BA7808 BA7815 Fig15. Line Regulation (Io=1A) 0 5 10 15 20 0 5 10 15 20 25 30 Vin [V] Ta=25℃ Io=1A BA7815 BA7805 BA7808 0 20 40 60 80 100 10 100 1000 10000 100000 1000000 Frequency [Hz] Ta=25℃ Io=100mA BA7805 BA7815 BA7808 10 100 1K 10K 100K 1M Fig.21 Ripple Rejection Ratio 0 |
Número de pieza similar - BA7824CP-E2 |
|
Descripción similar - BA7824CP-E2 |