Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2-1376444-3 Datasheet(PDF) 10 Page - Tyco Electronics |
|
2-1376444-3 Datasheet(HTML) 10 Page - Tyco Electronics |
10 / 98 page 144 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 .093 [2.36] Commercial Pin and Socket Connectors (Continued) AMP Soft Shell Pin and Socket Connectors Performance Characteristics (continued) Maximum Current—Maximum cur- rent rating of .093 Commercial Pin and Socket Connectors is limited by the maximum operating temperature of the housings which is 105°C including the temperature rise of the contacts which is a maximum of 30°C. There are several variables which have a direct effect on this maximum current-carrying capability for a given connector and must be considered for each application. These variables are: Wire Size—Larger diameter wire will carry more current since it has less internal resistance to current flow and thus generates less heat. Longer wire lengths also enhance current-carrying capabilities since the wire conducts heat away from the connector. Connector Size—In general, the more circuits in a connector, the less current can be carried. Ambient Temperature—The higher the ambient temperature, the less current can be carried in any given connector. Related Product Data Product Specification — 108-1038 Termination Contact Wire Size Crimp Resistance Tensile Force Test Resistance Force (Min.) AWG mm2 Current Milliohms (Amps) (Max. Init.) lbs. N 24 0.2 2.0 4.0 8 35.6 22 0.3–0.4 3.0 4.0 10 44.5 20 0.5–0.6 4.5 4.0 15 66.7 18 0.8–0.9 6.0 3.5 25 111.2 16 1.25–1.4 8.0 3.5 25 111.2 14 2 10.0 3.0 30 133.4 Note: This is the total resistance between wire crimps of a mated pin and socket. Current Rating Verification for 30°C Maximum Temperature Rise 100% Energized Wire-to-Wire .093 Commercial Pin and Socket Connectors — Calculated Current Table Number of Wire AWG Circuits 14 16 18 20 22 24 2 13.00 12.00 11.00 8.00 6.00 6.00 3 13.00 11.00 10.00 8.00 6.00 5.00 4 In-Line 11.00 10.00 9.00 7.00 5.00 4.00 4 Matrix 11.00 10.00 9.00 7.00 5.00 4.00 5 10.00 9.00 8.00 6.00 5.00 4.00 6 10.00 9.00 8.00 6.00 4.00 4.00 9 9.00 7.00 6.00 5.00 4.00 3.00 12 8.00 7.00 6.00 4.00 3.00 3.00 15 7.00 6.00 5.00 4.00 3.00 3.00 Values are based on initial Temperature Rise versus Current Testing and are intended to be a guide in the selection of a connector family. All applications should be tested by the end user. The values listed are per circuit for fully loaded housings being 100% energized. Note: All combinations were not tested and this chart contains interpolated and extrapolated values. Termination Resistance/Contact Crimp Tensile Force Minimum Wire Lengths for T-Rise vs. Current Testing AWG Min. Length (in.) AWG Min. Length (in.) 30 2.6 18 9.4 28 3.2 16 11.3 26 4.1 14 13.7 24 5.1 12 16.4 20 7.8 10 19.3 Note: If wire lengths used are less than those listed above, the current- carrying ability of the system will be reduced due to less heat being conducted away from the connector. The customer should fully test all applications. |
Número de pieza similar - 2-1376444-3 |
|
Descripción similar - 2-1376444-3 |