Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5132GDWR24 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

No. de pieza CS5132GDWR24
Descripción Electrónicos  Dual Output CPU Buck Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHERRY [Cherry Semiconductor Corporation]
Página de inicio  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5132GDWR24 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS5132GDWR24 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5132GDWR24 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5132GDWR24 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5132GDWR24 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5132GDWR24 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5132GDWR24 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5132GDWR24 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5132GDWR24 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5132GDWR24 Datasheet HTML 14Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Adding slope compensation to the control loop, avoids
erratic operation of the PWM circuit, particularly at lower
duty cycles and higher frequencies, where there is not
enough ramp signal, and provides a more stable switch-
point.
The scheme that prevents that switching noise prematurely
triggers the PWM circuit consists of adding a positive volt-
age slope to the output of the Error Amplifier (COMP pin)
during an off-time cycle.
The circuit that implements this function for the syn-
chronous regulator section (VCC(CORE)) is shown in Figure 6.
Figure 6: Small RC filter provides the proper voltage ramp at the begin-
ning of each on-time cycle.
The ramp waveform is generated through a small RC filter
that provides the proper voltage ramp at the beginning of
each on-time cycle. The resistors R1 and R2 in the circuit of
Figure 6 form a voltage divider from the GATE(L) output,
superimposing a small artificial ramp on the output of the
error amplifier.
A similar approach can be used also for the non-syn-
chronous regulator section (VI/O) as shown in Figure 7. In
this case, the slope compensation signal is generated direct-
ly from the GATE output, through the ac coupling capaci-
tor C1, at the beginning of each on-cycle.
It is important that in both circuits, the series combination
R1/R2 is high enough in resistance not to load down and
negatively affect the slew rate on the GATE(L) and GATE
pins.
Figure 7: Slope compensation for the non-synchronous regulator section
(VI/O).
Over-Current Protection
A loss-less hiccup mode current limit protection feature is
provided, requiring only the COMP capacitor to imple-
ment. The CS5132 provides overcurrent protection by sens-
ing the current through a ÒDroopÓ resistor, using an inter-
nal current sense comparator. The comparator compares
the voltage drop across the ÒDroopÓ resistor to an internal
reference voltage of 86mV (typical).
If the voltage drop across the ÒDroopÓ resistor exceeds this
threshold, the current sense comparator allows the fault
latch to be set. This causes the regulator to stop switching.
During this over current condition, the CS5132 stays off for
the time it takes the COMP pin capacitor to discharge to its
lower 0.25V threshold. As soon as the COMP pin reaches
0.25V, the Fault latch is reset (no overcurrent condition pre-
sent) and the COMP pin is charged with a 30µA current
source to a voltage 1.06V greater than the VFFB voltage.
Only at this point the regulator attempts to restart normal-
ly. The CS5132 will operate initially with a duty cycle
whose value depends on how low the VFFB voltage was
during the overcurrent condition (whether hiccup mode
was due to excessive current or hard short). This protection
scheme minimizes thermal stress to the regulator compo-
nents, input power supply, and PC board traces, as the over
current condition persists. Upon removal of the overload,
the fault latch is cleared, allowing normal operation to
resume.
Overvoltage Protection
Overvoltage protection (OVP) is provided as result of the
normal operation of the V2
TM control topology and requires
no additional external components. The control loop
responds to an overvoltage condition within 200ns, causing
the top MOSFET to shut off, disconnecting the regulator
from its input voltage. This results in a ÒcrowbarÓ action to
clamp the output voltage and prevents damage to the load.
The regulator will remain in this state until the overvoltage
condition ceases or the input voltage is pulled low.
Additionally, a dedicated Overvoltage protection (OVP)
output pin (pin 21) is provided in the CS5132. The OVP sig-
nal will go high (overvoltage condition), if the output volt-
age (VCC(CORE)) exceeds the regulation voltage by 8.5% of
the voltage set by the particular DAC code. The OVP pin
can source up to 25mA of current that can be used to drive
an SCR to crowbar the power supply.
Power-Good Circuit
The Power-Good pin (pin 22) is an open-collector signal
consistent with TTL DC specifications. It is externally
pulled up, and is pulled low (below 0.3V) when the regula-
tor output voltage typically exceeds ± 8.5% of the nominal
output voltage. Maximum output voltage deviation before
Power-Good is pulled low is ± 12%.
Output Enable
On/off control of the regulator outputs can be implement-
ed by pulling the COMP pins low. It is required to pull the
COMP pins below the 1.06V PWM comparator offset volt-
age in order to disable switching on the GATE drivers.
Protection and Monitoring Features
R1
C1
15
13
GATE
COMP2
CS5132
To VI/O
Power Switch
CCOMP2
R2
CCOMP
R1
To Synchronous FET
C1
R2
5
19
COMP1
GATE(L)
CS5132
Application Information: continued
10


Número de pieza similar - CS5132GDWR24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS5132GDWR24 ONSEMI-CS5132GDWR24 Datasheet
153Kb / 20P
   Dual Output CPU Buck Controller
December, 2001 - Rev. 3
More results

Descripción similar - CS5132GDWR24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS5132H ONSEMI-CS5132H Datasheet
153Kb / 20P
   Dual Output CPU Buck Controller
December, 2001 - Rev. 2
CS5132 ONSEMI-CS5132 Datasheet
153Kb / 20P
   Dual Output CPU Buck Controller
December, 2001 - Rev. 3
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
   CPU 5-Bit Nonsynchronous Buck Controller
logo
ON Semiconductor
CS5151H ONSEMI-CS5151H Datasheet
560Kb / 16P
   CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
   CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com