Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA1797M3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

No. de pieza BTA1797M3
Descripción Electrónicos  Silicon PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1797M3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  BTA1797M3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 5Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 6Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 7Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C623M3
Issued Date : 2013.03.19
Revised Date : 2013.08.12
Page No. : 4/8
BTA1797M3
CYStek Product Specification
Typical Characteristics(Cont.)
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCE=-5V
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCESAT@IC=10IB
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCESAT@IC=20IB
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCESAT@IC=50IB
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
-IC, Collector CurrentmA)
VBESAT@IC=10IB
Ta=-40°C
Ta=0°C
Ta=25°C
Ta=75°C
Ta=125°C
On Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
-IC, Collector Current(mA)
VBEON@VCE=-2V
Ta=-40°C
Ta=0°C
Ta=25°C
Ta=75°C
Ta=125°C


Número de pieza similar - BTA1797M3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BTA1721N3 CYSTEKEC-BTA1721N3 Datasheet
258Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1722N3 CYSTEKEC-BTA1722N3 Datasheet
143Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3 CYSTEKEC-BTA1727J3 Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3-0-T3-G CYSTEKEC-BTA1727J3-0-T3-G Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727L3 CYSTEKEC-BTA1727L3 Datasheet
167Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
More results

Descripción similar - BTA1797M3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com