Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA1797M3 Datasheet(PDF) 8 Page - Cystech Electonics Corp.

No. de pieza BTA1797M3
Descripción Electrónicos  Silicon PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1797M3 Datasheet(HTML) 8 Page - Cystech Electonics Corp.

  BTA1797M3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 5Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 6Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 7Page - Cystech Electonics Corp. BTA1797M3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C623M3
Issued Date : 2013.03.19
Revised Date : 2013.08.12
Page No. : 8/8
BTA1797M3
CYStek Product Specification
SOT-89 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1732
0.1811
4.40
4.60
F
Marking:
AG
□□
E
F
G
C
B
A
I
D
H
3
2
1
3-Lead SOT-89 Plastic
Surface Mounted Package
CYStek Package Code: M3
Style: Pin 1. Base 2. Collector 3. Emitter
Device
Code
Date Code
0.0591 TYP
1.50 TYP
B
0.1551
0.1673
3.94
4.25
G
0.1181 TYP
3.00 TYP
C
0.0610 REF
1.55 REF
H
0.0551
0.0630
1.40
1.60
D
0.0906
0.1024
2.30
2.60
I
0.0138
0.0173
0.35
0.44
E
0.0126
0.0205
0.32
0.52
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Número de pieza similar - BTA1797M3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BTA1721N3 CYSTEKEC-BTA1721N3 Datasheet
258Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1722N3 CYSTEKEC-BTA1722N3 Datasheet
143Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3 CYSTEKEC-BTA1727J3 Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3-0-T3-G CYSTEKEC-BTA1727J3-0-T3-G Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727L3 CYSTEKEC-BTA1727L3 Datasheet
167Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
More results

Descripción similar - BTA1797M3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com