Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3064 Datasheet(PDF) 1 Page - Digitron Semiconductors

No. de pieza 1N3064
Descripción Electrónicos  SWITCHING RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIGITRON [Digitron Semiconductors]
Página de inicio  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N3064 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N3064 Datasheet HTML 1Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N3062-1N3064
SWITCHING RECTIFIERS
MAXIMUM RATINGS
Characteristics
Symbol
1N3062
1N3063
1N3064
Unit
Working peak reverse voltage
VRWM
50
V
Repetitive peak reverse voltage
VRRM
75
V
Average forward current
IO
75
mA
Forward steady-state current
IF
115
mA
Peak forward current (recurrent)
IFM
225
mA
Peak forward surge current (1.0µs)
IFSM
2000
mA
Power dissipation
PD
250
mW
Operating and storage junction temperature range
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Test Conditions
Min
Max
Unit
Reverse current
IR
VR = 50V
-
0.1
µA
Reverse current
IR
VR = 50V, TA = 150°C
-
100
µA
Breakdown voltage
VBR
IR = 5.0µA
75
-
V
Forward voltage
VF
IF = 250µA
IF = 1.0mA
IF = 2.0mA
IF = 10mA (1N3064)
IF = 10mA (1N3063)
IF = 20mA (1N3062)
0.505
0.55
0.61
-
0.7
-
0.575
0.65
0.71
1.0
0.85
1.0
V
Capacitance
CT
VR = 0V, f = 1.0MHz (1N3062)
VR = 0V, f = 1.0MHz (1N3063, 1N3064)
-
-
1.0
2.0
pF
Reverse recovery time
trr
VR = 6.0V, IF = 10mA, RL = 100Ω (1N3062)
VR = 1.0V, IF = 10mA, RL = 100Ω (1N3063, 1N3064)
-
-
2.0
4.0
ns
MECHANICAL CHARACTERISTICS
Case
DO-35
Marking
Body painted, alpha numeric
Normal polarity
Cathode band
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121210


Número de pieza similar - 1N3064

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3064 MICROSEMI-1N3064 Datasheet
44Kb / 1P
   COMPUTER DIODE
logo
Central Semiconductor C...
1N3064 CENTRAL-1N3064 Datasheet
65Kb / 1P
   Silicon switching diode
logo
Microsemi Corporation
1N3064 MICROSEMI-1N3064 Datasheet
147Kb / 3P
   COMPUTER DIODE Switching
logo
National Semiconductor ...
1N3064 NSC-1N3064 Datasheet
138Kb / 1P
   Diode Data
logo
Central Semiconductor C...
1N3064 CENTRAL-1N3064 Datasheet
61Kb / 1P
   SILICON SWITCHING DIODE
More results

Descripción similar - 1N3064

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Digitron Semiconductors
1N6638 DIGITRON-1N6638 Datasheet
520Kb / 3P
   SWITCHING RECTIFIERS
1N3064 DIGITRON-1N3064 Datasheet
130Kb / 2P
   SWITCHING RECTIFIERS
logo
Dongguan City Niuhang E...
1N4148WS NIUHANG-1N4148WS Datasheet
251Kb / 3P
   SWITCHING RECTIFIERS
logo
Digitron Semiconductors
1N6639 DIGITRON-1N6639 Datasheet
104Kb / 2P
   SWITCHING RECTIFIERS
1N914 DIGITRON-1N914 Datasheet
153Kb / 3P
   SWITCHING RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF1600 CHENG-YI-UF1600 Datasheet
170Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
logo
Leshan Radio Company
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR255P LRC-FR255P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com