Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
5-147095-4 Datasheet(PDF) 1 Page - Tyco Electronics |
|
5-147095-4 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 98 page 181 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable AMPMODU Interconnection System 5 No. of Dimensions Contact Plating/Part Nos. Pos. A B Plating A Plating B Plating C 3 .300 [7.62] .200 [5.08] 5-147720-2 5-147726-2 5-147727-2 4 .400 [10.16] .300 [7.62] 5-147720-3 5-147726-3 5-147727-3 5 .500 [12.70] .400 [10.16] 5-147720-4 5-147726-4 5-147727-4 6 .600 [15.24] .500 [12.70] 5-147720-5 5-147726-5 5-147727-5 7 .700 [17.78] .600 [15.24] 5-147720-6 5-147726-6 5-147727-6 8 .800 [20.32] .700 [17.78] 5-147720-7 5-147726-7 5-147727-7 9 .900 [22.86] .800 [20.32] 5-147720-8 5-147726-8 5-147727-8 10 1.000 [25.40] .900 [22.86] 5-147720-9 5-147726-9 5-147727-9 11 1.100 [27.94] 1.000 [25.40] 6-147720-0 6-147726-0 6-147727-0 12 1.200 [30.48] 1.100 [27.94] 6-147720-1 6-147726-1 6-147727-1 13 1.300 [33.02] 1.200 [30.48] 6-147720-2 6-147726-2 6-147727-2 14 1.400 [35.56] 1.300 [33.02] 6-147720-3 6-147726-3 6-147727-3 15 1.500 [38.10] 1.400 [35.56] 6-147720-4 6-147726-4 6-147727-4 16 1.600 [40.64] 1.500 [38.10] 6-147720-5 6-147726-5 6-147727-5 17 1.700 [43.18] 1.600 [40.64] 6-147720-6 6-147726-6 6-147727-6 18 1.800 [45.72] 1.700 [43.18] 6-147720-7 6-147726-7 6-147727-7 19 1.900 [48.26] 1.800 [45.72] 6-147720-8 6-147726-8 6-147727-8 20 2.000 [50.80] 1.900 [48.26] 7-147720-8 7-147726-8 7-147727-8 30 3.000 [76.20] 2.900 [73.66] 8-147720-8 8-147726-8 8-147727-8 40 4.000 [101.60] 3.900 [99.06] 8-147720-9 8-147726-9 8-147727-9 Notes: 1. Tyco Electronics recommends mating gold or duplex plated headers with duplex plated receptacle assemblies. 2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to the maximum point-of-contact dimension and add .062 [1.57] for recommended board thickness if used in bottom entry application. Material and Finish Housing — Glass-filled thermoplastic, black, 94V-0 rated Plating A — Duplex .000030 [0.00076] gold on contact area, .000150-0.000300 [0.00381-0.00762] matte tin on solder area all over .000050 [0.00127] nickel Plating B — Duplex .000010 [0.000254] gold on contact area, .000150-.000300 [0.00381-0.00762] matte tin on solder area all over .000050 [0.00127] nickel Plating C — .000150-.000300 [0.00381-0.00762] matte tin on solder leads, all over .000050 [0.00127] nickel .245 [6.22] .140 [3.56] .075 +.005 -.000 [1.90 +0.13] -.000 .140 [3.56] .125±.010 [3.17±0.25] Typ. Recommended PC Board Hole Layout .020 [0.51] (Standoffs) B .100 [2.54] Typ. .053 [1.34] Typ. .200 [5.08] .035±.003 [0.89±0.08] Dia. .200±.003 [5.08±0.08] Typ. .100 [2.54] Typ. A Dual Entry, End Stackable, Low Profile, .100 x .100 [2.54 x 2.54] Centerline, .200 [5.08] Tine Spacing .107 [2.72] (Localized Gold Plate Area) .148 [3.77] Typ. Point of Contact Note: All part numbers are RoHS compliant. |
Número de pieza similar - 5-147095-4 |
|
Descripción similar - 5-147095-4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |