Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS8126YDWR16 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

No. de pieza CS8126YDWR16
Descripción Electrónicos  5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHERRY [Cherry Semiconductor Corporation]
Página de inicio  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8126YDWR16 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS8126YDWR16 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8126YDWR16 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8126YDWR16 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8126YDWR16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8126YDWR16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8126YDWR16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8126YDWR16 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8126YDWR16 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8126YDWR16 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Application Diagram
Application Notes
C1*
100nF
VIN
Delay
Gnd
RESET
VOUT
CS8126
C2**
10
mF to 100mF
RRST
4.7k
W
Delay
0.1
mF
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start-up
delay, load transient response and loop stability.
The capacitor value and type should be based on cost,
availability, size and temperature constraints. A tantalum
or aluminum electrolytic capacitor is best, since a film or
ceramic capacitor with almost zero ESR, can cause insta-
bility. The aluminum electrolytic capacitor is the least
expensive solution, but, if the circuit operates at low tem-
peratures (-25¡C to -40¡C), both the value and ESR of the
capacitor will vary considerably. The capacitor manufac-
turers data sheet usually provides this information.
The value for the output capacitor C2 shown in the test
and applications circuit should work for most applica-
tions, however it is not necessarily the optimized solution.
To determine an acceptable value for C2 for a particular
application, start with a tantalum capacitor of the recom-
mended value and work towards a less expensive alterna-
tive part.
Step 1:
Place the completed circuit with a tantalum capac-
itor of the recommended value in an environmental cham-
ber at the lowest specified operating temperature and
monitor the outputs with an oscilloscope. A decade box
connected in series with the capacitor will simulate the
higher ESR of an aluminum capacitor. Leave the decade
box outside the chamber, the small resistance added by
the longer leads is negligible.
Step 2:
With the input voltage at its maximum value,
increase the load current slowly from zero to full load
while observing the output for any oscillations. If no oscil-
lations are observed, the capacitor is large enough to
ensure a stable design under steady state conditions.
Step 3:
Increase the ESR of the capacitor from zero using
the decade box and vary the load current until oscillations
appear. Record the values of load current and ESR that
cause the greatest oscillation. This represents the worst
case load conditions for the regulator at low temperature.
Step 4
: Maintain the worst case load conditions set in step
3 and vary the input voltage until the oscillations increase.
This point represents the worst case input voltage condi-
tions.
Step 5:
If the capacitor is adequate, repeat steps 3 and 4
with the next smaller valued capacitor. A smaller capaci-
tor will usually cost less and occupy less board space. If
the output oscillates within the range of expected operat-
ing conditions, repeat steps 3 and 4 with the next larger
standard capacitor value.
Step 6:
Test the load transient response by switching in
various loads at several frequencies to simulate its real
working environment. Vary the ESR to reduce ringing.
Step 7:
Remove the unit from the environmental chamber
and heat the IC with a heat gun. Vary the load current as
instructed in step 5 to test for any oscillations.
Once the minimum capacitor value with the maximum
ESR is found, a safety factor should be added to allow for
the tolerance of the capacitor and any variations in regula-
tor performance. Most good quality aluminum electrolytic
capacitors have a tolerance of +/- 20% so the minimum
value found should be increased by at least 50% to allow
for this tolerance plus the variation which will occur at
low temperatures. The ESR of the capacitor should be less
than 50% of the maximum allowable ESR found in step 3
above.
The maximum power dissipation for a single output regu-
lator (Figure 1) is:
PD(max) = {VIN(max) - VOUT(min)}IOUT(max) + VIN(max)IQ
(1)
where:
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current for the applica-
tion, and
IQ is the quiescent current the regulator consumes at
IOUT(max).
Stability Considerations
Calculating Power Dissipation
in a Single Output Linear Regulator
C1* is required if the regulator is far from the power source filter.
C2** is required for stability


Número de pieza similar - CS8126YDWR16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8126-1YDPS7 ONSEMI-CS8126-1YDPS7 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126-1YDPS7G ONSEMI-CS8126-1YDPS7G Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126-1YDPSR7 ONSEMI-CS8126-1YDPSR7 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
More results

Descripción similar - CS8126YDWR16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
   5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
   5V, 750mA Linear Regulator with RESET
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com