Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BYG20G-E3TR Datasheet(PDF) 2 Page - Vishay Siliconix |
|
BYG20G-E3TR Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 5 page BYG20D thru BYG20J www.vishay.com Vishay General Semiconductor Revision: 21-Dec-11 2 Document Number: 88958 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Pulse test: 300 μs pulse width, 1 % duty cycle Notes (1) Mounted on epoxy-glass hard tissue (2) Mounted on epoxy-glass hard tissue, 50 mm2 35 μm Cu (3) Mounted on Al-oxide-ceramic (Al2O3), 50 mm2 35 μm Cu Note (1) AEC-Q101 qualified RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Fig. 1 - Forward Current vs. Forward Voltage Fig. 2 - Max. Average Forward Current vs. Ambient Temperature ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER TEST CONDITIONS SYMBOL BYG20D BYG20G BYG20J UNIT Maximum instantaneous forward voltage IF = 1 A TJ = 25 °C VF (1) 1.3 V IF = 1.5 A 1.4 Maximum DC reverse current VR = VRRM TJ = 25 °C IR 1 µA TJ = 100 °C 10 Maximum reverse recovery time IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A trr 75 ns THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL BYG20D BYG20G BYG20J UNIT Typical thermal resistance, junction to lead, TL = const. RJL 25 °C/W Typical thermal resistance, junction to ambient RJA (1) 150 °C/W RJA (2) 125 RJA (3) 100 ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE BYG20D-E3/TR 0.064 TR 1800 7" diameter plastic tape and reel BYG20D-E3/TR3 0.064 TR3 7500 13" diameter plastic tape and reel BYG20DHE3/TR (1) 0.064 TR 1800 7" diameter plastic tape and reel BYG20DHE3/TR3 (1) 0.064 TR3 7500 13" diameter plastic tape and reel 0.001 0.01 0.1 1 10 0.0 0.5 1.0 1.5 2.0 2.5 3.0 Forward Voltage (V) T J = 25 °C T J = 150 °C 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 100 80 60 40 20 0 120 140 160 Ambient Temperature (°C) V R = VRRM Half Sine-Wave RθJA ≤ 25 K/W RθJA ≤ 125 K/W RθJA ≤ 150 K/W |
Número de pieza similar - BYG20G-E3TR |
|
Descripción similar - BYG20G-E3TR |