Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS3002-IS Datasheet(PDF) 7 Page - Cirrus Logic

No. de pieza CS3002-IS
Descripción Electrónicos  PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3002-IS Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS3002-IS Datasheet HTML 3Page - Cirrus Logic CS3002-IS Datasheet HTML 4Page - Cirrus Logic CS3002-IS Datasheet HTML 5Page - Cirrus Logic CS3002-IS Datasheet HTML 6Page - Cirrus Logic CS3002-IS Datasheet HTML 7Page - Cirrus Logic CS3002-IS Datasheet HTML 8Page - Cirrus Logic CS3002-IS Datasheet HTML 9Page - Cirrus Logic CS3002-IS Datasheet HTML 10Page - Cirrus Logic CS3002-IS Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CS3001
CS3002
7
3. CS3001/CS3002 OVERVIEW
The CS3001/CS3002 amplifiers are designed for
precision measurement of signals from DC to
2 kHz when operating from a supply voltage of
+2.7 V to +6.7 V (
± 1.35 to ± 3.35 V). The ampli-
fiers are designed with a patented architecture that
utilizes multiple amplifier stages to yield very high
open loop gain at frequencies of 10 kHz and below.
The amplifiers yield low noise and low offset drift
while consuming relatively low supply current. An
increase in noise floor above 2 kHz is the result of
intermediate stages of the amplifier being operated
at very low currents. The amplifiers are intended
for amplifying small signals with large gains in ap-
plications where the output of the amplifier can be
band-limited to frequencies below 2 kHz.
3.1
Open Loop Gain and Phase
Response
Figure 9 illustrates the open loop gain and phase re-
sponse of the CS3001/CS3002. The gain slope of
the amplifier is about –100 dB/decade between
500 Hz and 60 kHz and transitions to –20 dB/de-
cade between 60 kHz and its unity gain crossover
frequency at about 4.8 MHz. Phase margin at unity
gain is about 70 degrees; gain margin is about
20 dB.
-360
-315
-270
-225
-180
-135
-90
-45
10K
100K
1M
10M
0
20
40
60
80
100
-100 dB/ dec
-20 dB/ dec
Figure 9. CS3001/CS3002 Open Loop Gain and Phase Response


Número de pieza similar - CS3002-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS3002-IS CIRRUS-CS3002-IS Datasheet
284Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3002-ISZ CIRRUS-CS3002-ISZ Datasheet
284Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3002-ISZ CIRRUS-CS3002-ISZ Datasheet
330Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
More results

Descripción similar - CS3002-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS3011 CIRRUS-CS3011_07 Datasheet
466Kb / 18P
   Precision Low-voltage Amplifier; DC to 1 kHz
CS3001 CIRRUS-CS3001_08 Datasheet
284Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3001 CIRRUS-CS3001_09 Datasheet
330Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3011 CIRRUS-CS3011_09 Datasheet
732Kb / 18P
   Precision Low-voltage Amplifier; DC to 1 kHz
CS3011 CIRRUS-CS3011 Datasheet
131Kb / 4P
   Precision Low Voltage Amplifier; DC to 1 kHz
CS3003 CIRRUS-CS3003_09 Datasheet
227Kb / 10P
   Precision Low-voltage Amplifier
CS3003_0910 CIRRUS-CS3003_0910 Datasheet
409Kb / 10P
   Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_09 Datasheet
322Kb / 10P
   Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
   Precision Low-voltage Amplifier
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
   Precision Low-voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com