Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4228A-KS Datasheet(PDF) 10 Page - Cirrus Logic

No. de pieza CS4228A-KS
Descripción Electrónicos  24-Bit, 96 kHz Surround Sound Codec?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4228A-KS Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4228A-KS Datasheet HTML 6Page - Cirrus Logic CS4228A-KS Datasheet HTML 7Page - Cirrus Logic CS4228A-KS Datasheet HTML 8Page - Cirrus Logic CS4228A-KS Datasheet HTML 9Page - Cirrus Logic CS4228A-KS Datasheet HTML 10Page - Cirrus Logic CS4228A-KS Datasheet HTML 11Page - Cirrus Logic CS4228A-KS Datasheet HTML 12Page - Cirrus Logic CS4228A-KS Datasheet HTML 13Page - Cirrus Logic CS4228A-KS Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
CS4228A
10
DS511PP1
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0 V, all voltages with respect to 0 V.)
Notes: 13. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
14. The maximum over or under voltage is limited by the input current.
15. Bidirectional pins configured as inputs.
Warning:
Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0 V, all voltages with respect
to 0 V.)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies
Digital
Analog
Interface
VD
VA
VL
-0.3
-0.3
-0.3
-
-
-
6.0
6.0
6.0
V
V
V
Input Current
(Note 13)
--
±10
mA
Analog Input Voltage
(Note 14)
-0.7
-
VA + 0.7
V
Digital Input Voltage
Input Pins
Bidirectional Pins
(Notes 14 and 15)
-0.7
-0.7
-
-
VL + 2.5
VL + 0.7
V
V
V
Ambient Temperature
(Power Applied)
-55
-
+125
°C
Storage Temperature
-65
-
+150
°C
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies
Digital
Analog
Interface
VD
VA
VL
4.75
4.75
2.375
5.0
5.0
-
5.25
5.25
5.25
V
V
V
Operating Ambient Temperature
TA
-10
25
70
°C


Número de pieza similar - CS4228A-KS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4228A-KS CIRRUS-CS4228A-KS Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
More results

Descripción similar - CS4228A-KS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
1Mb / 60P
   Surround Sound Codec
CS4226 CIRRUS-CS4226_04 Datasheet
643Kb / 37P
   Surround Sound Codec
logo
Analog Devices
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com