Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF4N20ZL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

No. de pieza UF4N20ZL-TN3-R
Descripción Electrónicos  4A, 200V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF4N20ZL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF4N20ZL-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF4N20ZL-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF4N20ZL-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF4N20Z
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-753.D
4A, 200V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UF4N20Z is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with a minimum
on-state resistance, low gate charge and superior switching
performance.
FEATURES
* RDS(ON)<2
Ω @ VGS=10V, ID=4A
* High switching speed
* Typically 3.2nC low gate charge
* 100% avalanche tested
SYMBOL
1.Gate
2.Drain
3.Source
SOT-223
TO-252
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UF4N20ZL-TN3-R
UF4N20ZG-TN3-R
TO-252
G
D
S
Tape Reel
UF4N20ZL-AA3-R
UF4N20ZG-AA3-R
SOT-223
G
D
S
Tape Reel
Note:
Pin Assignment: G: Gate
D: Drain
S: Source
(1) R: Tape Reel
(2) AA3: SOT-223, TN3: TO-252
(3) L: Lead Free, G: Halogen Free
UF4N20ZL-AA3-R
(1)Packing Type
(2)Package Type
(3)Lead Free


Número de pieza similar - UF4N20ZL-TN3-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UF4N20ZL-TN3-R UTC-UF4N20ZL-TN3-R Datasheet
204Kb / 3P
   N-CHANNEL POWER MOSFET
More results

Descripción similar - UF4N20ZL-TN3-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UF4N20 UTC-UF4N20 Datasheet
136Kb / 3P
   4A, 200V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM19N20 TSC-TSM19N20 Datasheet
88Kb / 4P
   200V N-Channel Power MOSFET
logo
STMicroelectronics
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
   N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY??MOSFET
logo
Unisonic Technologies
4N60K UTC-4N60K Datasheet
367Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
   600V, 4A, N-Channel Power MOSFET
logo
Unisonic Technologies
4N30Z UTC-4N30Z Datasheet
180Kb / 3P
   4A, 300V N-CHANNEL POWER MOSFET
4N65K UTC-4N65K Datasheet
334Kb / 8P
   4A, 650V N-CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC744N70 E-CMOS-EC744N70 Datasheet
468Kb / 5P
   700V,4A N-Channel Power MOSFET
logo
Unisonic Technologies
4N65Z UTC-4N65Z Datasheet
339Kb / 8P
   4A, 650V N-CHANNEL POWER MOSFET
4N30 UTC-4N30 Datasheet
180Kb / 3P
   4A, 300V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com