Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD08V32D-A Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

No. de pieza ESD08V32D-A
Descripción Electrónicos  Transient Voltage Suppressors for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOCAY [Socay Electornics Co., Ltd.]
Página de inicio  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD08V32D-A Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  ESD08V32D-A Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD08V32D-A Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD08V32D-A Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transient Voltage Suppressors for ESD Protection
Revision January 06, 2014
1 / 3
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
ESDXXV32D-A Series
SOCAY Electronics Co., Ltd.
www.socay.com
SOD-323
The ESDXXV32D-A is designed to protect voltage sensitive
components from ESD and transient voltage events. Excellent
clamping capability, low leakage, and fast response time,
make these parts ideal for ESD protection on designs where
board space is at a premium. Because of its small size, it is
suited for use in cellular phones, MP3 players, digital
cameras and many other portable applications where board
space is at a premium.
u
320 Watts Peak Pulse Power per Line (tp=8/20
μs)
u
Protects one I/O line or power line
u
Low clamping voltage
u
Working voltages : 3.3V, 5V, 8V, 12V, 15V,24V and 36V
u
Low leakage current
u
IEC61000-4-2 (ESD)
±15kV (air), ±8kV (contact)
u
IEC61000-4-4 (EFT) 40A (5/50
ηs)
u
IEC61000-4-5 (Lightning) 24A (8/20
μs)
u
Cell Phone Handsets and Accessories
u
Microprocessor based equipment
u
Personal Digital Assistants (PDA
’s)
u
Notebooks, Desktops, and Servers
u
Portable Instrumentation
u
Peripherals
u
Pagers
u
JEDEC SOD-323 Package
u
Molding Compound Flammability Rating : UL 94V-0
u
Weight 5 Milligrams (Approximate)
u
Quantity Per Reel : 3,000pcs
u
Reel Size : 7 inch
u
Lead Finish : Lead Free
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp=8/20
μs waveform)
320
W
TL
Lead Soldering Temperature
260 (10sec)
ºC
TSTG
Storage Temperature Range
-55 to +150
ºC
TJ
Operating Temperature Range
-55 to +150
ºC
Air Discharge
±15
IEC61000-4-2 (ESD)
Contact Discharge
±8
KV
IEC61000-4-4 (EFT)
40
A
IEC61000-4-5 ( Lightning )
24
A
Mechanical Characteristics
Description
Feature
Functional Diagram
Applications
Mechanical Characteristics


Número de pieza similar - ESD08V32D-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
UN Semiconducctor INC
ESD08V32D-A UNSEMI-ESD08V32D-A Datasheet
963Kb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Descripción similar - ESD08V32D-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com