Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDB4340 Datasheet(PDF) 3 Page - Cirrus Logic

No. de pieza CDB4340
Descripción Electrónicos  24-Bit, 96 kHz Stereo DAC for Audio?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4340 Datasheet(HTML) 3 Page - Cirrus Logic

  CDB4340 Datasheet HTML 1Page - Cirrus Logic CDB4340 Datasheet HTML 2Page - Cirrus Logic CDB4340 Datasheet HTML 3Page - Cirrus Logic CDB4340 Datasheet HTML 4Page - Cirrus Logic CDB4340 Datasheet HTML 5Page - Cirrus Logic CDB4340 Datasheet HTML 6Page - Cirrus Logic CDB4340 Datasheet HTML 7Page - Cirrus Logic CDB4340 Datasheet HTML 8Page - Cirrus Logic CDB4340 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
CS4340
DS297PP3
3
LIST OF FIGURES
Figure 1. External Serial Mode Input Timing ............................................................. 11
Figure 2. Internal Serial Mode Input Timing .............................................................. 11
Figure 3. Internal Serial Clock Generation ................................................................ 11
Figure 4. Typical Connection Diagram ...................................................................... 12
Figure 5. Base-Rate Stopband Rejection .................................................................. 17
Figure 6. Base-Rate Transition Band ........................................................................ 17
Figure 7. Base-Rate Transition Band (Detail)............................................................ 17
Figure 8. Base-Rate Passband Ripple ...................................................................... 17
Figure 9. High-Rate Stopband Rejection ................................................................... 17
Figure 10. High-Rate Transition Band ....................................................................... 17
Figure 11. High-Rate Transition Band (Detail) .......................................................... 18
Figure 12. High-Rate Passband Ripple ..................................................................... 18
Figure 13. Output Test Load...................................................................................... 18
Figure 14. Maximum Loading .................................................................................... 18
Figure 15. Power vs. Sample Rate (VA = 5V) ........................................................... 18
Figure 16. CS4340 Format 0 (I2S)............................................................................. 19
Figure 17. CS4340 Format 1 ..................................................................................... 19
Figure 18. CS4340 Format 2 ..................................................................................... 20
Figure 19. CS4340 Format 3 ..................................................................................... 20
Figure 20. De-Emphasis Curve ................................................................................. 21
Figure 21. FFT 0 dB input, BRM, VA = 3V ................................................................ 22
Figure 22. FFT -60 dB input, BRM, VA = 3V ............................................................. 22
Figure 23. FFT Idle Noise, BRM, VA = 3V................................................................. 22
Figure 24. Fade-to-Noise Linearity, BRM, VA = 3V................................................... 22
Figure 25. THDN vs Ampl, BRM, VA = 3V ................................................................ 22
Figure 26. THDN vs Freq, BRM, VA = 3V ................................................................. 22
Figure 27. FFT 0 dB input, BRM, VA = 5V ................................................................ 23
Figure 28. FFT -60 dB input, BRM, VA = 5V ............................................................. 23
Figure 29. FFT Idle Noise, BRM, VA = 5V................................................................. 23
Figure 30. Fade-to-Noise Linearity, BRM, VA = 5V................................................... 23
Figure 31. THDN vs Ampl, BRM, VA = 5V ................................................................ 23
Figure 32. THDN vs Freq, BRM, VA = 5V ................................................................. 23
Figure 33. FFT 0 dB input, HRM, VA = 3V ................................................................ 24
Figure 34. FFT -60 dB input, HRM, VA = 3V ............................................................. 24
Figure 35. FFT Idle Noise, HRM, VA = 3V ................................................................ 24
Figure 36. Fade-to-Noise Linearity, HRM, VA = 3V................................................... 24
Figure 37. THDN vs Ampl, HRM, VA = 3V ................................................................ 24
Figure 38. THDN vs Freq, HRM, VA = 3V ................................................................. 24
Figure 39. FFT 0 dB input, HRM, VA = 5V ................................................................ 25
Figure 40. FFT -60 dB input, HRM, VA = 5V ............................................................. 25
Figure 41. FFT Idle Noise, HRM, VA = 5V ................................................................ 25
Figure 42. Fade-to-Noise Linearity, HRM, VA = 5V................................................... 25
Figure 43. THDN vs Ampl, HRM, VA = 5V ................................................................ 25
Figure 44. THDN vs Freq, HRM, VA = 5V ................................................................. 25


Número de pieza similar - CDB4340

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CDB4340 CIRRUS-CDB4340 Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
CDB4340A CIRRUS-CDB4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
CDB4340A CIRRUS-CDB4340A Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
More results

Descripción similar - CDB4340

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4340 CIRRUS-CS4340_05 Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com