Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4360-BZ Datasheet(PDF) 7 Page - Cirrus Logic

No. de pieza CS4360-BZ
Descripción Electrónicos  24-Bit, 192 kHz 6 Channel D/A Converter?
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-BZ Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4360-BZ Datasheet HTML 3Page - Cirrus Logic CS4360-BZ Datasheet HTML 4Page - Cirrus Logic CS4360-BZ Datasheet HTML 5Page - Cirrus Logic CS4360-BZ Datasheet HTML 6Page - Cirrus Logic CS4360-BZ Datasheet HTML 7Page - Cirrus Logic CS4360-BZ Datasheet HTML 8Page - Cirrus Logic CS4360-BZ Datasheet HTML 9Page - Cirrus Logic CS4360-BZ Datasheet HTML 10Page - Cirrus Logic CS4360-BZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
CS4360
DS517PP1
7
POWER AND THERMAL CHARACTERISTICS
Notes: 9. Current consumption is directly proportional to Fs. Typ and Max values are based on highest FS
10. ILC measured with no external loading on pin 12 (SDA).
11. Power down mode is defined as RST = Low with all clock and data lines held static.
12. Valid with the recommended capacitor values on FILT+ and VCM as shown in Figure 4.
DIGITAL CHARACTERISTICS (For -KS & -KZ parts T
A = -10 to +70°C; for -BS & -BZ parts TA = -40
to +85°C; VD = 2.0 V - 5.5 V, VLC = VLS = 1.8 V - 5.5 V)
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation, All Supplies = 5 V
(Note 9)
All Supplies = 3 V
Interface current (Note 10)
power-down state (all supplies) (Note 11)
IA
ID
IA
ID
ILS
ILC
Ipd
-
-
-
-
-
-
-
22
25
21
14
0.002
0.002
0.016
-
-
-
-
-
-
-
mA
mA
mA
mA
mA
mA
mA
Power Dissipation
(Note 9)
All Supplies = 5 V
normal operation
power-down (Note 11)
All Supplies = 3 V
normal operation
power-down (Note 11)
-
-
-
-
235
0.080
105
0.048
TBD
-
TBD
-
mW
mW
mW
mW
Package Thermal Resistance
SOIC (-KS & -BS)
TSSOP (-KZ & -BZ)
θ
JA
θ
JC
θ
JA
θ
JC
-
-
-
-
TBD
TBD
TBD
TBD
-
-
-
-
°C/Watt
°C/Watt
°C/Watt
°C/Watt
Power Supply Rejection Ratio (1 kHz)
(Note 12)
(60 Hz)
PSRR
PSRR
-
-
60
40
-
-
dB
dB
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
Serial Audio Data Port
Control Port
VIH
VIH
70%
70%
-
-
-
-
VLS
VLC
Low-Level Input Voltage
Serial Audio Data Port
Control Port
VIL
-
-
-
-
20%
20%
VLS
VLC
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
Maximum MUTEC Drive Current
-
3
-
mA
MUTEC High-Level Output Voltage
VOH
VA
V
MUTEC Low-Level Output Voltage
VOL
0V


Número de pieza similar - CS4360-BZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4360-DZZ CIRRUS-CS4360-DZZ Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360-KZ CIRRUS-CS4360-KZ Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360-KZZ CIRRUS-CS4360-KZZ Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
More results

Descripción similar - CS4360-BZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com