Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC3519B Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

No. de pieza 2SC3519B
Descripción Electrónicos  Silicon NPN Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NELLSEMI [Nell Semiconductor Co., Ltd]
Página de inicio  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SC3519B Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  2SC3519B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SC3519B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SC3519B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.5 h
-l Temperature Characteristics
FE
C
(Typical)
Collector Current, l (A)
C
Fig.7 f -I Characteristics (Typical)
T
E
Emitter Current, I (A)
E
Fig.8 Safe Operating Area (Single Pulse)
Fig.9 P -T Derating
C
a
Collector-Emitter Voltage, V
(V)
CE
Ambient Temperature, T (°C)
a
Fig.6 R
-t Characteristics
th(j-a)
Time, t(ms)
0.1
0.5
1
3
1
10
100
1000
0
20
40
60
80
-0.02
-0.1
-1
-5 -10
40
10
5
1
0.5
0.1
0.05
5
10
50
100
100
50
3.5
0
0
25
50
100
125
150
75
Page 3 of 3
www.nellsemi.com
2SC3519B Series
125°C
25°C
-30°C
0.02
0.1
0.5 1
5
10 15
10
50
100
300
Typ
200
DC
10
m
s
Without Heatsink
Natural Cooling
1.2SC3519
2.2SC3519A
130
2000
Without Heatsink
V
=4V
CE
V
=12V
CE
1
2


Número de pieza similar - 2SC3519B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2SC3519 MOSPEC-2SC3519 Datasheet
138Kb / 3P
   POWER TRANSISTORS(15A,130W)
logo
Sanken electric
2SC3519 SANKEN-2SC3519 Datasheet
24Kb / 1P
   Silicon NPN Epitaxial Planar Transistor(Audio and General Purpose)
logo
Savantic, Inc.
2SC3519 SAVANTIC-2SC3519 Datasheet
174Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3519 ISC-2SC3519 Datasheet
254Kb / 2P
   isc Silicon NPN Power Transistors
logo
Sanken electric
2SC3519 SANKEN-2SC3519 Datasheet
34Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
More results

Descripción similar - 2SC3519B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com