Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF3710 Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

No. de pieza IRF3710
Descripción Electrónicos  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NELLSEMI [Nell Semiconductor Co., Ltd]
Página de inicio  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF3710 Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  IRF3710 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF3710 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF3710 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF3710 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF3710 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF3710 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF3710 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Fig.12c. Maximum avalanche energy vs.
Drain current
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
550
440
330
220
110
0
Starting Junction temperature, T (°C)
J
+
-
Fig.13b. Gate charge test circuit
QG
QGS
QGD
10V
VGS
Charge
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple ≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. I SD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
*
+
-
+
+
+
-
-
-
Circuit Layout Considerations
Low Stray lnductance
Ground Plane
Low Leakage lnductance
Current Transformer
dv/dt controlled by RG
Driver same type as D.U.T.
l
controlled by Duty Factor D
SD
" "
D.U.T. -Device Under Test
D.U.T.
RG
VDD
*V
= 5V for Logic Level Devices and 3V for drive devices
GS
Current Regulator
Same Type as D.U.T.
12V
0.2µF
50KΩ
0.3µF
VGS
3mA
D.U.T.
VDS
RD
RG
Fig.14 Peak diode recovery dv/dt test circuit for N-Channel MOSFET
Fig.13a. Basic gate charge waveform
Current Sampling Resistors
25
50
75
100
125
150
www.nellsemi.com
Page 6 of 7
IRF3710 Series
175
lD
TOP
BOTTOM
110A
20A
28A


Número de pieza similar - IRF3710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3710 IRF-IRF3710 Datasheet
94Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=23mohm, Id=57A)
logo
Kersemi Electronic Co.,...
IRF3710 KERSEMI-IRF3710 Datasheet
715Kb / 8P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF3710 ISC-IRF3710 Datasheet
65Kb / 2P
   isc N-Channel Mosfet Transistor
logo
First Silicon Co., Ltd
IRF3710 FS-IRF3710 Datasheet
280Kb / 2P
   N -Channel Power MOSFET (100V/59A)
logo
International Rectifier
IRF3710L IRF-IRF3710L Datasheet
184Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
More results

Descripción similar - IRF3710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com