Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5102A-AL Datasheet(PDF) 9 Page - Cirrus Logic

No. de pieza CS5102A-AL
Descripción Electrónicos  16-Bit, 100kHz/ 20kHz A/D Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5102A-AL Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5102A-AL Datasheet HTML 5Page - Cirrus Logic CS5102A-AL Datasheet HTML 6Page - Cirrus Logic CS5102A-AL Datasheet HTML 7Page - Cirrus Logic CS5102A-AL Datasheet HTML 8Page - Cirrus Logic CS5102A-AL Datasheet HTML 9Page - Cirrus Logic CS5102A-AL Datasheet HTML 10Page - Cirrus Logic CS5102A-AL Datasheet HTML 11Page - Cirrus Logic CS5102A-AL Datasheet HTML 12Page - Cirrus Logic CS5102A-AL Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
SWITCHING CHARACTERISTICS (Continued)
Parameter
Symbol
Min
Typ
Max
Units
PDT and RBT Modes
SCLK Input Pulse Period
tsclk
200
-
-
ns
SCLK Input Pulse Width Low
tsclkl
50
-
-
ns
SCLK Input Pulse Width High
tsclkh
50
-
-
ns
SCLK Input Falling to SDATA Valid
tdss
-
100
150
ns
HOLD Falling to SDATA Valid
PDT Mode
tdhs
-
140
230
ns
TRK1, TRK2 Falling to SDATA Valid
(Note 30)
tdts
-
65
125
ns
FRN and SSC Modes
SCLK Output Pulse Width Low
tslkl
-2tclk
-tclk
SCLK Output Pulse Width High
tslkh
-2tclk
-tclk
SDATA Valid Before Rising SCLK
tss
2tclk-100
-
-
ns
SDATA Valid After Rising SCLK
tsh
2tclk-100
-
-
ns
SDL Falling to 1st Rising SCLK
trsclk
-2tclk
-ns
Last Rising SCLK to SDL Rising
CS5101A
CS5102A
trsdl
trsdl
-
-
2tclk
2tclk
2tclk+165
2tclk+200
ns
ns
HOLD Falling to 1st Falling SCLK
CS5101A
CS5102A
thfs
thfs
6tclk
6tclk
-
-
8tclk+165
8tclk+200
ns
ns
CH1/2 Edge to 1st Falling SCLK
tchfs
-7tclk
-
tclk
Note:
30. Only valid for TRK1, TRK2 falling when SCLK is low. If SCLK is high when TRK1, TRK2 falls, then
SDATA is valid tdss time after the next falling SCLK.
DIGITAL CHARACTERISTICS (TA = Tmin to Tmax; VA+, VD+ = 5V ± 10%; VA-,
VD- = 5V
± 10%)
Parameter
Symbol
Min
Typ
Max
Units
Calibration Memory Retention
(Note 31)
Power Supply Voltage VA+ and VD+
VMR
2.0
-
-
V
High-Level Input Voltage
VIH
2.0
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
High-Level Output Voltage
(Note 32)
VOH
(VD+)-1.0
-
-
V
Low-Level Output Voltage
IOUT = 1.6 mA
VOL
--
0.4
V
Input Leakage Current
Iin
--
10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Notes: 31. VA- and VD- can be any value from zero to -5V for memory retention. Neither VA- or VD- should be
allowed to go positive. AIN1, AIN2 or VREF must not be greater than VA+ or VD+.
This parameter is guaranteed by characterization.
32. IOUT = -100
µA. This specification guarantees TTL compatibility (VOH = 2.4V @ Iout = -40 µA).
CS5101A CS5102A
DS45F2
9


Número de pieza similar - CS5102A-AL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5102A-BL CIRRUS-CS5102A-BL Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5102A-BLZ CIRRUS-CS5102A-BLZ Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5102A-JL CIRRUS-CS5102A-JL Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5102A-JLZ CIRRUS-CS5102A-JLZ Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
More results

Descripción similar - CS5102A-AL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MN6500 ETC1-MN6500 Datasheet
1Mb / 8P
   100kHz 16-Bit, A/D CONVERTER
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com