Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UFZ24NL-TA3-T Datasheet(PDF) 6 Page - Unisonic Technologies

No. de pieza UFZ24NL-TA3-T
Descripción Electrónicos  28A, 60V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UFZ24NL-TA3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  UFZ24NL-TA3-T Datasheet HTML 1Page - Unisonic Technologies UFZ24NL-TA3-T Datasheet HTML 2Page - Unisonic Technologies UFZ24NL-TA3-T Datasheet HTML 3Page - Unisonic Technologies UFZ24NL-TA3-T Datasheet HTML 4Page - Unisonic Technologies UFZ24NL-TA3-T Datasheet HTML 5Page - Unisonic Technologies UFZ24NL-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UFZ24N
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-901.B
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source
Breakdown Voltage
Drain-Source Breakdown Voltage, BVDSS (V)
0.5
0
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage, VTH (V)
1.5
2
3
1
2.5
0
50
100
150
200
250
300
0
20
40
60
80
0
50
100
150
200
250
300
Drain-Source On-State Resistance
Characteristics
Drain to Source Voltage, VDS (V)
0
5
12.5
0
0.06
0.12 0.18
0.24
VGS=10V, ID=10A
2.5
7.5
10
0.36
0
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage, VSD (V)
0.2
0.4
0.6
0.8
1.0
0
2
4
6
10
12
0.3
8
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Número de pieza similar - UFZ24NL-TA3-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
UFZ01A4A1 ETC1-UFZ01A4A1 Datasheet
77Kb / 1P
   FR08C
UFZ01A6A1 ETC1-UFZ01A6A1 Datasheet
77Kb / 1P
   FR08C
UFZ01B4A1 ETC1-UFZ01B4A1 Datasheet
77Kb / 1P
   FR08C
UFZ01B6A1 ETC1-UFZ01B6A1 Datasheet
77Kb / 1P
   FR08C
logo
Unisonic Technologies
UFZ34 UTC-UFZ34 Datasheet
199Kb / 6P
   28A, 60V N-CHANNEL POWER MOSFET
More results

Descripción similar - UFZ24NL-TA3-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UFZ34 UTC-UFZ34 Datasheet
199Kb / 6P
   28A, 60V N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFF50N06 TAK_CHEONG-TFF50N06 Datasheet
309Kb / 8P
   N-Channel Power MOSFET 28A, 60V, 0.023廓
logo
Taiwan Semiconductor Co...
TSM280NB06LCR TSC-TSM280NB06LCR Datasheet
312Kb / 6P
   N-Channel Power MOSFET 60V, 28A, 28m廓
logo
STMicroelectronics
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
   N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET??II POWER MOSFET
logo
Intersil Corporation
IRF140 INTERSIL-IRF140 Datasheet
55Kb / 7P
   28A, 100V, 0.077 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
UT40N03T UTC-UT40N03T Datasheet
230Kb / 4P
   30V, 28A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
KIA Semiconductor Techn...
28N50H KIA-28N50H Datasheet
347Kb / 5P
   28A竊?00V N-CHANNEL MOSFET
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com