Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF5210G-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza UF5210G-TA3-T
Descripción Electrónicos  -40A, -100V P-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF5210G-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UF5210G-TA3-T Datasheet HTML 1Page - Unisonic Technologies UF5210G-TA3-T Datasheet HTML 2Page - Unisonic Technologies UF5210G-TA3-T Datasheet HTML 3Page - Unisonic Technologies UF5210G-TA3-T Datasheet HTML 4Page - Unisonic Technologies UF5210G-TA3-T Datasheet HTML 5Page - Unisonic Technologies UF5210G-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UF5210
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-845.B
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250µA
-100
V
Breakdown Voltage Temperature
Coefficient
∆BVDSS/∆TJ Reference to 25°C, ID=-1mA
-0.11
V/°C
Drain-Source Leakage Current
IDSS
VDS=-100V, VGS=0V
-25
µA
VDS=-80V, VGS=0V, TJ=150°C
-250 µA
Gate-Source Leakage Current
Forward
IGSS
VGS=20V, VDS=0V
100
nA
Reverse
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
Static Drain-to-Source On-Resistance
RDS(ON)
VGS=-10V, ID=-24A (Note 2)
0.06
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-2.0
-4.0
V
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=-25V, f=1.0MHz
2700
pF
Output Capacitance
COSS
790
pF
Reverse Transfer Capacitance
CRSS
450
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
ID=-21A, VDS=-80V, VGS=-10V
(Note 2)
180
nC
Gate-to-Source Charge
QGS
25
nC
Gate-to-Drain ("Miller") Charge
QGD
97
nC
Turn-ON Delay Time
tD(ON)
VDD=-50V, ID=-21A, RG=2.5Ω
RD=2.4Ω, (Note 2)
17
ns
Rise Time
tR
86
ns
Turn-OFF Delay Time
tD(OFF)
79
ns
Fall Time
tF
81
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body Diode Continuous Source
Current
IS
-40
A
Maximum Body-Diode Pulsed Current
(Note 1)
ISM
-140
A
Drain-Source Diode Forward Voltage
VSD
TJ=25°C, IS=-21A, VGS=0V (Note 2)
-1.6
V
Body Diode Reverse Recovery Time
tRR
TJ=25°C, IF=-21A, di/dt=-100A/µs
(Note 2)
170 260
ns
Body Diode Reverse Recovery Charge
QRR
1.2
1.8
µC
Forward Turn-On Time
tON
Intrinsic turn-on time is negligible (turn-on is dominated by
LS+LD)
Note: 1. Repetitive rating; pulse width limited by max. junction temperature.
2. Pulse width≤300µs; duty cycle≤2%.


Número de pieza similar - UF5210G-TA3-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
UF520 MICROSEMI-UF520 Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Unisonic Technologies
UF520 UTC-UF520 Datasheet
203Kb / 6P
   9.2A, 100V N-CHANNEL POWER MOSFET
UF520G-TA3-T UTC-UF520G-TA3-T Datasheet
203Kb / 6P
   9.2A, 100V N-CHANNEL POWER MOSFET
UF520G-TA3-T UTC-UF520G-TA3-T Datasheet
197Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UF520L-TA3-T UTC-UF520L-TA3-T Datasheet
203Kb / 6P
   9.2A, 100V N-CHANNEL POWER MOSFET
More results

Descripción similar - UF5210G-TA3-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RSJ400N10FRA ROHM-RSJ400N10FRA Datasheet
662Kb / 15P
   Nch 100V 40A Power MOSFET
RSJ400N10 ROHM-RSJ400N10 Datasheet
1Mb / 16P
   Nch 100V 40A Power MOSFET
RH6P040BH ROHM-RH6P040BH Datasheet
2Mb / 10P
   Nch 100V 40A Power MOSFET
20220531 - Rev.002
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
   -100V P-Channel Power MOSFET
logo
Unisonic Technologies
UTT30P04 UTC-UTT30P04 Datasheet
142Kb / 3P
   40A, 21V P-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF150 INTERSIL-IRF150 Datasheet
57Kb / 7P
   40A, 100V, 0.055 Ohm, N-Channel Power MOSFET
FRK9160D INTERSIL-FRK9160D Datasheet
48Kb / 6P
   40A, -100V, 0.085 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
logo
Unisonic Technologies
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
   70A, 100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
   -6.8A, -100V P-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P40B10SN SHINDENGEN-P40B10SN Datasheet
1Mb / 7P
   Power MOSFETs 100V, 40A, N-channel
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com