Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LAA120LSTR Datasheet(PDF) 6 Page - Clare, Inc.

No. de pieza LAA120LSTR
Descripción Electrónicos  DUAL POLE OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CLARE [Clare, Inc.]
Página de inicio  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA120LSTR Datasheet(HTML) 6 Page - Clare, Inc.

  LAA120LSTR Datasheet HTML 1Page - Clare, Inc. LAA120LSTR Datasheet HTML 2Page - Clare, Inc. LAA120LSTR Datasheet HTML 3Page - Clare, Inc. LAA120LSTR Datasheet HTML 4Page - Clare, Inc. LAA120LSTR Datasheet HTML 5Page - Clare, Inc. LAA120LSTR Datasheet HTML 6Page - Clare, Inc. LAA120LSTR Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.clare.com
6
LAA120L
Rev. 4
Dimensions
mm
(inches)
Mechanical Dimensions
Tape and Reel Packaging for 8 Pin Flatpack Package
7.493
± .102
(.295
± .004)
12.090
(.476)
1.753
± 0.102
(.069
± .004)
3.987
± .102
(.157
± .004)
1.498
± .102
(.059
± .004)
6.731 MAX.
(.265)
.406 MAX.
(.016)
4.877
(.192)
Top Cover
Tape
2.007
± .102
(.079
± .004)
11.988
± .102
(.472
± .004)
User Direction of Feed
.050R TYP.
16.002
± .305
(.630
± .012)
10.287
(.405)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
.102 MAX.
(.004)
10.287
± .102
(.405
± .004)
1.549
± .102
(.061
± .004)
330.2 DIA.
(13.00)
18
Tape and Reel Packaging for 8 Pin Surface Mount Package
7.493
± .102
(.295
± .004)
12.090
(.476)
1.753
± .102
(.069
± .004)
3.987
± .102
(.157
± .004)
1.498
± .102
(.059
± .004)
6.731 MAX.
(.265)
.406 MAX.
(.016)
4.877
(.192)
Top Cover
Tape
2.007
± .102
(.079
± .004)
11.989
± .102
(.472
± .004)
User Direction of Feed
.050R TYP.
16.002
± .305
(.630
± .012)
10.300
(.405)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
.102 MAX.
(.004)
10.300
± .102
(.405
± .004)
1.549
± .102
(.061
± .004)
330.2 DIA.
(13.00)
18


Número de pieza similar - LAA120LSTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
LAA120LSTR IXYS-LAA120LSTR Datasheet
135Kb / 7P
   Dual Current-Limited, Single Pole OptoMOS Relay
More results

Descripción similar - LAA120LSTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Clare, Inc.
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
   DUAL POLE OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
   DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
   DUAL POLE OptoMOS Relay
XBB170 CLARE-XBB170 Datasheet
151Kb / 7P
   DUAL POLE OptoMOS Relay
LAA100L CLARE-LAA100L Datasheet
130Kb / 5P
   DUAL POLE OptoMOS Relay
LAA127L CLARE-LAA127L Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
LBA120L CLARE-LBA120L Datasheet
125Kb / 8P
   DUAL POLE OptoMOS Relay
LAA126 CLARE-LAA126 Datasheet
86Kb / 6P
   Dual Pole OptoMOS Relay
LBA110 CLARE-LBA110 Datasheet
126Kb / 8P
   DUAL POLE OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com