Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M-986-2A1P Datasheet(PDF) 1 Page - Clare, Inc.

No. de pieza M-986-2A1P
Descripción Electrónicos  MF Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CLARE [Clare, Inc.]
Página de inicio  http://www.clare.com
Logo CLARE - Clare, Inc.

M-986-2A1P Datasheet(HTML) 1 Page - Clare, Inc.

  M-986-2A1P Datasheet HTML 1Page - Clare, Inc. M-986-2A1P Datasheet HTML 2Page - Clare, Inc. M-986-2A1P Datasheet HTML 3Page - Clare, Inc. M-986-2A1P Datasheet HTML 4Page - Clare, Inc. M-986-2A1P Datasheet HTML 5Page - Clare, Inc. M-986-2A1P Datasheet HTML 6Page - Clare, Inc. M-986-2A1P Datasheet HTML 7Page - Clare, Inc. M-986-2A1P Datasheet HTML 8Page - Clare, Inc. M-986-2A1P Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Part #
Description
M-986-2A1P
40-pin plastic DIP
M-986-2A1PL
44-pin PLCC
www.clare.com
DS-M986-2A1
M-986-2A1
MF Transceiver
1
Block Diagram
Ordering Information
Features
Direct A-Law or µ-Law PCM digital input
2.048 Mb/s clocking
Operates with standard codecs for analog interfac-
ing
Microprocessor read/write interface
Binary or 2-of-6 data formats
Dual-channel
5 volt power
Applications
Test equipment
Trunk adapters
Paging terminals
Traffic recorders
PBXs
Description
The M-986-2A1 dual channel MF Transceiver con-
tains all the logic necessary to transmit and receive
(North American) CCITT Region 1 multifrequency
signals on one integrated circuit (IC).
Operating with a 20.48 MHz crystal, the M-986 is
capable of providing a direct digital interface to a m-
law or A-law encoded PCM digital input. Each channel
can be connected to an analog source using a coder-
decoder (codec) as shown in the Block Diagram
below.
The M-986 is configured and controlled through an
integral coprocessor port.


Número de pieza similar - M-986-2A1P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Clare, Inc.
M-986-2R2 CLARE-M-986-2R2 Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2P CLARE-M-986-2R2P Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2PL CLARE-M-986-2R2PL Datasheet
520Kb / 13P
   MFC Transceivers
More results

Descripción similar - M-986-2A1P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GS Yuasa Battery Sales ...
MF038 GSYUASABATTERY-MF038 Datasheet
289Kb / 1P
   GS MF Battery
MF049 GSYUASABATTERY-MF049 Datasheet
260Kb / 1P
   GS MF Battery
logo
Rosenberger Hochfrequen...
L99-838-500 ROSENBERGER-L99-838-500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-838-1500 ROSENBERGER-L99-838-1500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-839-500 ROSENBERGER-L99-839-500 Datasheet
124Kb / 2P
   MF CABLE ASSEMBLY
logo
GS Yuasa Battery Sales ...
MF072 GSYUASABATTERY-MF072 Datasheet
284Kb / 1P
   GS MF Battery
logo
Sonardyne sound in dept...
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
logo
List of Unclassifed Man...
A220D ETC-A220D Datasheet
112Kb / 1P
   FM-MF ZESILOVAC DEMODULATOR
logo
Clare, Inc.
M-993 CLARE-M-993 Datasheet
140Kb / 6P
   Region 1 MF Tone Generator
logo
Token Electronics Indus...
MF-2514W100RBP TOKEN-MF-2514W100RBP Datasheet
346Kb / 3P
   MF Metal Film Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com