Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M-986-2A1P Datasheet(PDF) 5 Page - Clare, Inc.

No. de pieza M-986-2A1P
Descripción Electrónicos  MF Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CLARE [Clare, Inc.]
Página de inicio  http://www.clare.com
Logo CLARE - Clare, Inc.

M-986-2A1P Datasheet(HTML) 5 Page - Clare, Inc.

  M-986-2A1P Datasheet HTML 1Page - Clare, Inc. M-986-2A1P Datasheet HTML 2Page - Clare, Inc. M-986-2A1P Datasheet HTML 3Page - Clare, Inc. M-986-2A1P Datasheet HTML 4Page - Clare, Inc. M-986-2A1P Datasheet HTML 5Page - Clare, Inc. M-986-2A1P Datasheet HTML 6Page - Clare, Inc. M-986-2A1P Datasheet HTML 7Page - Clare, Inc. M-986-2A1P Datasheet HTML 8Page - Clare, Inc. M-986-2A1P Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
M-986-2A1
www.clare.com
5
Rev. 3
Signal Description
Signal
Pin
I/O/Z
Description
D15-D8
18-11
I/O/Z
Unused. Leave open.
D7-D0
19-26
I/O/Z
8-bit coprocessor latch.
TBLF
40
O
Transmit buffer latch full flag.
RBLE
1
O
Receive buffer latch empty flag.
HI/LO
2
I
Latch byte select pin. Tie low.
BIO
9
I
Unused. Leave open.
RD
32
I/O
Used by the external processor to read from the coprocessor latch by driving the
RD line active (low), thus enabling the output latch to drive the latched data.
When the data has been read, the external device must bring the RD line high.
EXINT
5
I
Unused. Leave open.
MC
3
I
Microcomputer mode select pin. Tie low.
MC/PM
27
I
Coprocessor mode select pin. Tie low.
RS
4
I
Reset input for initializing the device. When an active low is placed on RS pin for
a minimum of five clock cycles, RD and WR are forced high, and the data bus
(LD7 through LD0) goes to a high impedance state. The serial port clock and
transmit outputs also go to the high impedance state.
WR
31
I/O
Used by the external processor to write data to the coprocessor port. To write
data the external processor drives the WR line low, places data on the data bus,
and then drives the WR line high to clock the data into the on-chip latch.
XF
28
O
Watchdog signal. Toggles at least once every 10 milliseconds when the
processor is functioning properly. If the pin is not toggled at least once every 10
ms, the processor is lost and should be reset.
CLKOUT
6
O
System clock output (one-fourth crystal/CLKIN frequency, nominally 5.12 MHz).
V
SS
10
I
Ground pin.
V
CC
30
I
5V supply pin.
X1
7
O
Crystal output pin for internal oscillator. If the internal oscillator is not used, this
pin should be left unconnected.
X2/CLKIN
8
I
Input pin to the internal oscillator (X2) from the crystal. Alternatively, an input pin
for the external oscillator (CLKIN).
DR1 & DR0
33 & 29
I
Serial-port receive-channel inputs. 2.048 MHz serial data is received in the receive
registers via these pins. DR0 = channel 1; DR1 = channel 2.
FR
37
O
8 kHz internal serial-port framing output. If internal clocking is selected,
serial-port transmit and receive operations occur simultaneously on an active
(high) FR framing pulse.
DX1 & DX0
36 & 35
O
Serial-port transmit-channel outputs. 2.048 MHz serial data is transmitted from
the transmit registers on these pins. These outputs are in the high-impedance
state when not transmitting. DX0 = channel 1; DX1 = channel 2.
FSR
39
I
8 kHz external serial-port receive-framing input. If external clocking is selected,
data is received via the receive pins (DR1 and DR0) on the active (low) FSR input.
The falling edge of FSR initiates the receive process, and the rising edge causes
the M-986 to process the data.
SCLK
34
I/O/Z
2.048 MHz serial-port clock. Master clock for transmitting and receiving serial-
port data. Configured as an input in external clocking mode or output in internal
clocking mode. Reset (RS) forces SCLK to the high-impedance state.
FSX
38
I
8 kHz external serial-port transmit-framing input. If external clocking is enabled,
data is transmitted on the transmit pins (DX1, DX0) on the active (low) input. The
falling edge of FSX initiates the transmit process, and the rising edge causes the
M-986 to internally load data for the next cycle.


Número de pieza similar - M-986-2A1P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Clare, Inc.
M-986-2R2 CLARE-M-986-2R2 Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2P CLARE-M-986-2R2P Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2PL CLARE-M-986-2R2PL Datasheet
520Kb / 13P
   MFC Transceivers
More results

Descripción similar - M-986-2A1P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GS Yuasa Battery Sales ...
MF038 GSYUASABATTERY-MF038 Datasheet
289Kb / 1P
   GS MF Battery
MF049 GSYUASABATTERY-MF049 Datasheet
260Kb / 1P
   GS MF Battery
logo
Rosenberger Hochfrequen...
L99-838-500 ROSENBERGER-L99-838-500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-838-1500 ROSENBERGER-L99-838-1500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-839-500 ROSENBERGER-L99-839-500 Datasheet
124Kb / 2P
   MF CABLE ASSEMBLY
logo
GS Yuasa Battery Sales ...
MF072 GSYUASABATTERY-MF072 Datasheet
284Kb / 1P
   GS MF Battery
logo
Sonardyne sound in dept...
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
logo
List of Unclassifed Man...
A220D ETC-A220D Datasheet
112Kb / 1P
   FM-MF ZESILOVAC DEMODULATOR
logo
Clare, Inc.
M-993 CLARE-M-993 Datasheet
140Kb / 6P
   Region 1 MF Tone Generator
logo
Token Electronics Indus...
MF-2514W100RBP TOKEN-MF-2514W100RBP Datasheet
346Kb / 3P
   MF Metal Film Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com