Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2398DGK Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2398DGK
Descripción Electrónicos  -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2398DGK Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2398DGK Datasheet HTML 7Page - Texas Instruments TPS2398DGK Datasheet HTML 8Page - Texas Instruments TPS2398DGK Datasheet HTML 9Page - Texas Instruments TPS2398DGK Datasheet HTML 10Page - Texas Instruments TPS2398DGK Datasheet HTML 11Page - Texas Instruments TPS2398DGK Datasheet HTML 12Page - Texas Instruments TPS2398DGK Datasheet HTML 13Page - Texas Instruments TPS2398DGK Datasheet HTML 14Page - Texas Instruments TPS2398DGK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPS2398
TPS2399
SLUS562A − JUNE 2003 − REVISED SEPTEMBER 2003
11
www.ti.com
APPLICATION INFORMATION
When a plug-in module or printed circuit card is inserted into a live chassis slot, discharged supply bulk
capacitance on the board can draw huge transient currents from the system supplies. Without some form of
inrush limiting, these currents can reach peak magnitudes ranging up to several hundred amps, particularly in
high-voltage systems. Such large transients can damage connector pins, PCB etch, and plug-in and supply
components. In addition, current spikes can cause voltage droops on the power distribution bus, causing other
boards in the system to reset.
The TPS2398 and TPS2399 are hot swap power managers designed to limit these peaks to preset levels, as
well as control the slew rate (di/dt) at which charging current ramps to the user-programmed limit. These devices
use an external N-Channel pass FET and sense element to provide closed-loop control of current sourced to
the load. Input supply undervoltage lockout (UVLO) protection allows hot swap circuits to turn on automatically
with the application of power, or to be controlled with a system command via the EN input. External capacitors
control both the current ramp rate, and the time−out period for load voltage ramping. In addition, an internal
overload comparator provides circuit breaker protection against shorts occurring during steady-state
(post-turn-on) operation of the card.
The TPS2398 and TPS2399 operate directly from the input supply (nominal −48 VDC rail). The −VIN pin
connects to the negative voltage rail, and the RTN pin connects to the supply return. Internal regulators convert
input power to the supply levels required by the device circuitry. An input UVLO circuit holds the GATE output
low until the supply voltage reaches a nominal 30-V level. A second comparator monitors the EN input; this pin
must be pulled above the 1.4-V enable threshold to turn on power to the load.
Once enabled, and when the input supply is above the UVLO threshold, the GATE pull-down is removed, the
linear control amplifier (LCA) is enabled, and a large discharge device in the RAMP CONTROL block is turned
off. Subsequently, a small current source is now able to charge an external capacitor connected to the IRAMP
pin. This results in a linear voltage ramp at IRAMP. The voltage ramp on the capacitor actually has two discrete
slopes. As shown in Figure 17, charging current is supplied from either of two sources. Initially at turn-on, the
600-nA source is selected, to provide a slow turn-on rate. This slow turn-on helps ensure that the LCA is pulled
out of saturation, and is slewing to the voltage at its non-inverting input before normal rate load charging is
allowed. This mechanism helps reduce current steps at turn-on. Once the voltage at the IRAMP pin reaches
approximately 0.5 V, an internal comparator deasserts the SLOW signal, and the 10-
µA source is selected for
the remainder of the ramp period.
The voltage at IRAMP is divided down by a factor of 100, and applied to the non-inverting input of the LCA. Load
current magnitude information at the ISENS pin is applied to the inverting input. This voltage is developed by
connecting the current sense resistor between ISENS and −VIN. The LCA slews the gate of the external pass
FET to force the ISENS voltage to track the divided down IRAMP voltage. Consequently, the load current slew
rate tracks the linear voltage ramp at the IRAMP pin, producing a linear di/dt of the load current. The IRAMP
capacitor is charged to about 6.5 V; however, the LCA input is clamped at 40 mV. Therefore, the current sourced
to the load during turn-on is limited to a value given by IMAX
≤ 40 mV/RSENSE, where RSENSE is the value of
the sense resistor.
The resultant load current, regulated by the controller, charges the module’s input bulk capacitance in a safe
fashion. Under normal conditions, this capacitance eventually charges up to the dc input potential. At this point,
the load demand drops off, and the voltage at ISENS decreases. The LCA now drives the GATE output to its
supply rail.
The device detects this condition as the GATE voltage rises through 7 V or 8 V, latches this status and asserts
the PG output. If the full sourced current limit is not yet available to the load, as evidenced by the IRAMP voltage
being less than 5 V, then the PG assertion is delayed until that condition is also met.
The peak, steady-state GATE pin output, typically 14 V, ensures sufficient overdrive to fully enhance the external
FET, while not exceeding the typical 20-V VGS rating of common N-channel power FETs.


Número de pieza similar - TPS2398DGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2398DGK TI-TPS2398DGK Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
TPS2398DGKR TI-TPS2398DGKR Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
TPS2398DGKRG4 TI-TPS2398DGKRG4 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
More results

Descripción similar - TPS2398DGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Analog Devices
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE Datasheet
704Kb / 2P
   Hot-swap redundant power supply supported
logo
Technology Dynamics Inc...
NTDM-HS-12-250 TECHNOLOGY-NTDM-HS-12-250 Datasheet
185Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
NTDM-4HS-12-500 TECHNOLOGY-NTDM-4HS-12-500 Datasheet
180Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com