Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7-531020-9 Datasheet(PDF) 2 Page - Tyco Electronics

No. de pieza 7-531020-9
Descripción Electrónicos  ROTARY ZIF CONNECTOR. 100x200. SOLDER POST OPEN ONE END
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

7-531020-9 Datasheet(HTML) 2 Page - Tyco Electronics

  7-531020-9 Datasheet HTML 1Page - Tyco Electronics 7-531020-9 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Número de pieza similar - 7-531020-9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
7-534998-6 MACOM-7-534998-6 Datasheet
358Kb / 2P
   RECEPTACLE ASSEMBLY, MOD IV, DOUBLE ROW, DUAL ENTRY, 100X.100CL, VERTICAL MOUNT, AMPMODU
7-535542-0 MACOM-7-535542-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
7-535542-0 MACOM-7-535542-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
7-535542-1 MACOM-7-535542-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
7-535542-2 MACOM-7-535542-2 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
More results

Descripción similar - 7-531020-9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0747370010 MOLEX1-0747370010 Datasheet
35Kb / 1P
   SFP One Piece Cage, EMI Shielding, 3.38mm Solder Post Tails
logo
Soberton Inc.
SP-1635 SOBERTON-SP-1635 Datasheet
225Kb / 1P
   Solder Eyelet Post
SP-2035 SOBERTON-SP-2035 Datasheet
213Kb / 1P
   Solder Eyelet Post
SP-2040 SOBERTON-SP-2040 Datasheet
259Kb / 1P
   Solder Eyelet Post
SP-2027 SOBERTON-SP-2027 Datasheet
214Kb / 1P
   Solder Eyelet Post
logo
Cvilux Corporation
CF25XX1D0X0-10-NH CVILUX-CF25XX1D0X0-10-NH Datasheet
201Kb / 2P
   1.00mm(.039) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22-08-2
CF31XX1D0XX-05-NH CVILUX-CF31XX1D0XX-05-NH Datasheet
780Kb / 3P
   0.50mm(,0207) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22.02.17
CF50XXXD0XX-10-NH CVILUX-CF50XXXD0XX-10-NH Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
logo
Weidmuller
9457740300 WEIDMULLER-9457740300 Datasheet
788Kb / 8P
   Sensor/actuator line, One end without connector
September 30, 2021
9457910300 WEIDMULLER-9457910300 Datasheet
801Kb / 8P
   Sensor/actuator line, One end without connector
September 30, 2021
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com