Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FC100V5A Datasheet(PDF) 5 Page - Power-One

No. de pieza FC100V5A
Descripción Electrónicos  F & FC Series DC-DC Converter Input Filters
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-ONE [Power-One]
Página de inicio  http://www.power-one.com
Logo POWER-ONE - Power-One

FC100V5A Datasheet(HTML) 5 Page - Power-One

  FC100V5A Datasheet HTML 1Page - Power-One FC100V5A Datasheet HTML 2Page - Power-One FC100V5A Datasheet HTML 3Page - Power-One FC100V5A Datasheet HTML 4Page - Power-One FC100V5A Datasheet HTML 5Page - Power-One FC100V5A Datasheet HTML 6Page - Power-One FC100V5A Datasheet HTML 7Page - Power-One FC100V5A Datasheet HTML 8Page - Power-One FC100V5A Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
MCD10059 Rev. 1.1, 21-Jan-10
Page 5 of 41
www.power-one.com
F & FC Series DC-DC Converter Input Filters
F4804A, 0-80V, 4 Amps, SMT Mount
Thermal Considerations
Because of low series internal DC resistance, the
F4804A filter generally does not require airflow
and/or derating to ambient temperatures up to 85 ˚C,
if placed and interconnected as described below.
Good thermal design includes the appropriate
placement of the filter on the system board as to
maximize heat exchange through the power pins.
For high temperature operation in low airflow
environments, use of 1-2 oz copper for the external
connection pads and provision for some extra copper
at all four I/O pins is encouraged. Good thermal
connection to the power planes is important.
To check filter thermal characteristic in an actual
system environment, attach a thermocouple to the
top of each inductor.
The maximum temperature at these test points
should not exceed 120 ˚C.
A typical application schematic is shown in Fig. 5.
The filter can be used to power one or more
converters.
For applications requiring filter current greater than
4 A divide the converters into smaller groups and
use multiple filters or use a F4810 or F2410 filter
which is capable of providing up to 10 A. Do not
connect filters in parallel.
Rload1
F4804A
Input Filter
Vin (+)
Vin (-)
ON/OFF
Vout (+)
Vout (-)
TRIM
SENSE (+)
SENSE (-)
(Top View)
Converter
DC-DC
(Top View)
C8
C2
C4
Vin-
Vin+
F1
5 A
CY2
CY1
+
C1
C5
Rload2
Vin (+)
Vin (-)
ON/OFF
Vout (+)
Vout (-)
TRIM
SENSE (+)
SENSE (-)
(Top View)
Converter
DC-DC
C9
C3
C6
C7
Fig. 5: F4804A - Typical application


Número de pieza similar - FC100V5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power-One
FC100V5A POWER-ONE-FC100V5A Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
logo
Bel Fuse Inc.
FC100V5A BEL-FC100V5A Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
logo
Power-One
FC100V5A-G POWER-ONE-FC100V5A-G Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
More results

Descripción similar - FC100V5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
logo
Isahaya Electronics Cor...
VLA400-204 ISAHAYA-VLA400-204 Datasheet
310Kb / 6P
   HIGH VOLTAGE INPUT DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M57120L MITSUBISHI-M57120L Datasheet
63Kb / 4P
   HIGH VOLTAGE INPUT dc-dc CONVERTER
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com