Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FC100V5A Datasheet(PDF) 7 Page - Power-One

No. de pieza FC100V5A
Descripción Electrónicos  F & FC Series DC-DC Converter Input Filters
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-ONE [Power-One]
Página de inicio  http://www.power-one.com
Logo POWER-ONE - Power-One

FC100V5A Datasheet(HTML) 7 Page - Power-One

Back Button FC100V5A Datasheet HTML 3Page - Power-One FC100V5A Datasheet HTML 4Page - Power-One FC100V5A Datasheet HTML 5Page - Power-One FC100V5A Datasheet HTML 6Page - Power-One FC100V5A Datasheet HTML 7Page - Power-One FC100V5A Datasheet HTML 8Page - Power-One FC100V5A Datasheet HTML 9Page - Power-One FC100V5A Datasheet HTML 10Page - Power-One FC100V5A Datasheet HTML 11Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
MCD10059 Rev. 1.1, 21-Jan-10
Page 7 of 41
www.power-one.com
F & FC Series DC-DC Converter Input Filters
F4804A, 0-80V, 4 Amps, SMT Mount
Physical Information
TOP VIEW
-IN
SIDE VIEW
+IN
-OUT
+OUT
Filter Part Numbering Ordering Information
Product
Series
Input
Voltage
Rated Load
Current
Tape and Reel
Environmental
F
48
04A
-
R
Filter Module
 80 V
4 A
No letter
 Bulk
R
 Tape and Reel
No suffix character
RoHS lead-solder
exemption
G
 RoHS compliant
for all six substances
The example above describes P/N F4804A-R: 0-80 V input, 4 A @ 80 V output, tape and reel, and
Eutectic Tin/Lead solder. Please consult factory for the complete list of available options.
Pad/Pin Connections
Pad/Pin #
Function
+IN
Vin (+)
-IN
Vin (-)
-OUT
Vout (-)
+OUT
Vout (+)
All dimensions are in inches [mm]
Connector Material: Copper
Connector Finish: Gold over Nickel
Converter Weight: 0.13 oz [3.66 g]
Recommended Surface-Mount Pads:
Min. 0.080” x 0.112” [2.03 x 2.84]
Max. 0.092” x 0.124” [2.34 x 3.15]]


Número de pieza similar - FC100V5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power-One
FC100V5A POWER-ONE-FC100V5A Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
logo
Bel Fuse Inc.
FC100V5A BEL-FC100V5A Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
logo
Power-One
FC100V5A-G POWER-ONE-FC100V5A-G Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
More results

Descripción similar - FC100V5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
logo
Isahaya Electronics Cor...
VLA400-204 ISAHAYA-VLA400-204 Datasheet
310Kb / 6P
   HIGH VOLTAGE INPUT DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M57120L MITSUBISHI-M57120L Datasheet
63Kb / 4P
   HIGH VOLTAGE INPUT dc-dc CONVERTER
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com