Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4826FVE-TR Datasheet(PDF) 1 Page - Rohm

No. de pieza BU4826FVE-TR
Descripción Electrónicos  Low Voltage Standard CMOS Voltage Detector ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4826FVE-TR Datasheet(HTML) 1 Page - Rohm

  BU4826FVE-TR Datasheet HTML 1Page - Rohm BU4826FVE-TR Datasheet HTML 2Page - Rohm BU4826FVE-TR Datasheet HTML 3Page - Rohm BU4826FVE-TR Datasheet HTML 4Page - Rohm BU4826FVE-TR Datasheet HTML 5Page - Rohm BU4826FVE-TR Datasheet HTML 6Page - Rohm BU4826FVE-TR Datasheet HTML 7Page - Rohm BU4826FVE-TR Datasheet HTML 8Page - Rohm BU4826FVE-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed for protection against radioactive rays
.
1/13
TSZ02201-0R7R0G300060-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
03.Feb.2014 Rev.010
TSZ22111・14・001
www.rohm.com
Voltage Detector IC Series
Low Voltage Standard
CMOS Voltage Detector ICs
BU48xx series
BU49xx series
●General Description
ROHM standard CMOS reset IC series is a high-accuracy,
low current consumption reset IC series. The lineup was
established with two output types (Nch open drain and
CMOS output) and detection voltage range from 0.9V to
4.8V in increments of 0.1V, so that the series may be
selected according to the application at hand.
●Features
Ultra-low current consumption
High accuracy detection, Ultra-low voltage detection
Two output types (Nch open drain and CMOS output)
Wide operating temperature range
Very small and low height package
Package SSOP5 and SOP4 is similar to SOT-23-5 and
SC-82 respectively (JEDEC)
●Key Specifications
Detection voltage:
0.9V to 4.8V
0.1V steps
High accuracy detection voltage:
±1.0%
Ultra-low current consumption:
0.55µA (Typ.)
Operating temperature range:
-40°C to +125°C
●Package
SSOP5
2.90mm x 2.80mm x 1.25mm
SOP4
2.00mm x 2.10mm x 0.95mm
VSOF5
1.60mm x 1.60mm x 0.60mm
SOT89-3F
4.50mm x 4.15mm x 1.50mm
●Applications
All electronic devices that use micro controllers and logic
circuits
●Typical Application Circuit
(Open Drain Output type)
BU48xx series
(CMOS Output type)
BU49xx series
VDD1
BU48xx
VDD2
GND
CL
(Capacitor for
noise filtering)
RL
CIN
RST
Micro
controller
VDD1
BU49xx
CIN
GND
CL
(Capacitor for
noise filtering)
RST
Micro
controller


Número de pieza similar - BU4826FVE-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4826FVE-TR ROHM-BU4826FVE-TR Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4826FVE-TR ROHM-BU4826FVE-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4826FVE-TR ROHM-BU4826FVE-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4826FVE-TR ROHM-BU4826FVE-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Descripción similar - BU4826FVE-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU48XX ROHM-BU48XX Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4811G-TR ROHM-BU4811G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4836F-TR ROHM-BU4836F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4809G-TR ROHM-BU4809G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825F-TR ROHM-BU4825F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4830F-TR ROHM-BU4830F-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com