Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMC42C3008 Datasheet(PDF) 2 Page - Daewoo Semiconductor

No. de pieza DMC42C3008
Descripción Electrónicos  4Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DAEWOO [Daewoo Semiconductor]
Página de inicio  
Logo DAEWOO - Daewoo Semiconductor

DMC42C3008 Datasheet(HTML) 2 Page - Daewoo Semiconductor

  DMC42C3008 Datasheet HTML 1Page - Daewoo Semiconductor DMC42C3008 Datasheet HTML 2Page - Daewoo Semiconductor DMC42C3008 Datasheet HTML 3Page - Daewoo Semiconductor DMC42C3008 Datasheet HTML 4Page - Daewoo Semiconductor DMC42C3008 Datasheet HTML 5Page - Daewoo Semiconductor DMC42C3008 Datasheet HTML 6Page - Daewoo Semiconductor DMC42C3008 Datasheet HTML 7Page - Daewoo Semiconductor DMC42C3008 Datasheet HTML 8Page - Daewoo Semiconductor DMC42C3008 Datasheet HTML 9Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
4Bit Single Chip Microcontroller
DMC42C3008
FEATURES
Memory mapped I/O
PWM
- 14 bit PWM output X 1ch
Program memory : 8192 x 10bits
8-bit serial communication interface
Data memory
: 512 x 4bits
- External / Internal clock selection
- Mode : Transmit, Receive
Instructions
Receive only
- Various bit manipulation
Clock continuous
- 8-bit data operation
- 7-bit relative branch
8-bit A/D converter
- 1 byte absolute call
- 8-bit successive approximate type
- 8 channels
Instruction cycle times
- Sample and hold
- Main ( XI = 4.19MHz )
- Conversion time : 17.1us at 4.19MHz
. 15.3 us ( XI/64 = 65.5KHz )
. 1.91 us ( XI/8 = 524.0KHz )
34 I/O Pins
. 0.95 us ( XI/4 = 1.05MHz )
- CMOS Pins : 13
- High voltage Pins : 21
4 Register Bank
- Internal pull-up resistor ( Mask option )
- Internal pull-down resistor ( Mask option )
General register : 8 x 4-bit respectively
Power saving mode
Accumulator
- STOP : Main clock, CPU clock stop
- Bit Accumulator (CY), 4 bit Accumulator (A),
- STBY : Only CPU clock stop
8 bit Accumulator (XA)
Main clock operation
Multiple vectored interrupt source
Operating voltage range
- External interrupt : 4
- VDD = 5V ± 10%
- Internal interrupt : 6
- Vdisp = VDD - 40V
Watch timer(at 4.19MHz)
Package : 42 SDIP
- fast mode : 3.91 msec
- normal mode : 0.5 sec
APPLICATION
- buzzer output : 1, 2, 4 KHz
Microwave Oven, Home Appliances
Basic interval timer
- 8 kinds of period
- Used stabilization wait timer to wake up
Stop mode
One 8-bit timer / event counter
Watchdog timer
- 4 kinds of period


Número de pieza similar - DMC42C3008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Daewoo Semiconductor
DMC42C1008 DAEWOO-DMC42C1008 Datasheet
135Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C1106 DAEWOO-DMC42C1106 Datasheet
167Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
DMC42C4008 DAEWOO-DMC42C4008 Datasheet
141Kb / 20P
   4Bit Single Chip Microcontroller
More results

Descripción similar - DMC42C3008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Daewoo Semiconductor
DMC42C1106 DAEWOO-DMC42C1106 Datasheet
167Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C4008 DAEWOO-DMC42C4008 Datasheet
141Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C1008 DAEWOO-DMC42C1008 Datasheet
135Kb / 20P
   4Bit Single Chip Microcontroller
logo
AUK corp
SD42C4404 AUK-SD42C4404 Datasheet
86Kb / 19P
   4Bit Single Chip Microcontroller
logo
Daewoo Semiconductor
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
logo
AUK corp
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
   4BIT MICROCONTROLLER
logo
Integral Corp.
IN5732 INTEGRAL-IN5732 Datasheet
111Kb / 4P
   4BIT SINGLE CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD404240S HITACHI-HD404240S Datasheet
3Mb / 67P
   CMOS 4bit single-chip microcomputers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com