Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7805ZGTRPBF Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRF7805ZGTRPBF
Descripción Electrónicos  High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7805ZGTRPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF7805ZGTRPBF Datasheet HTML 1Page - International Rectifier IRF7805ZGTRPBF Datasheet HTML 2Page - International Rectifier IRF7805ZGTRPBF Datasheet HTML 3Page - International Rectifier IRF7805ZGTRPBF Datasheet HTML 4Page - International Rectifier IRF7805ZGTRPBF Datasheet HTML 5Page - International Rectifier IRF7805ZGTRPBF Datasheet HTML 6Page - International Rectifier IRF7805ZGTRPBF Datasheet HTML 7Page - International Rectifier IRF7805ZGTRPBF Datasheet HTML 8Page - International Rectifier IRF7805ZGTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF7805ZPbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
2.5
3.0
3.5
4.0
4.5
VGS, Gate-to-Source Voltage (V)
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 15V
20µs PULSE WIDTH
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 16A
VGS = 10V
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
2.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
10V
4.5V
3.75V
3.25V
3.0V
2.75V
BOTTOM 2.5V
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.5V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
10V
4.5V
3.75V
3.25V
3.0V
2.75V
BOTTOM 2.5V


Número de pieza similar - IRF7805ZGTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7805ZGPBF IRF-IRF7805ZGPBF Datasheet
294Kb / 10P
   HEXFETPower MOSFET
More results

Descripción similar - IRF7805ZGTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7821TR IRF-IRF7821TR Datasheet
290Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
IRF7805ZPBF IRF-IRF7805ZPBF Datasheet
270Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
Shenzhen Guan Hua Wei Y...
WSD40P10DN56 WIINSOK-WSD40P10DN56 Datasheet
2Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSF50P04 WIINSOK-WSF50P04 Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSD50P10ADN56 WIINSOK-WSD50P10ADN56 Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSD4046DN WIINSOK-WSD4046DN Datasheet
2Mb / 6P
   High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com