Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLMS6702TR Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRLMS6702TR
Descripción Electrónicos  Generation V Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLMS6702TR Datasheet(HTML) 2 Page - International Rectifier

  IRLMS6702TR Datasheet HTML 1Page - International Rectifier IRLMS6702TR Datasheet HTML 2Page - International Rectifier IRLMS6702TR Datasheet HTML 3Page - International Rectifier IRLMS6702TR Datasheet HTML 4Page - International Rectifier IRLMS6702TR Datasheet HTML 5Page - International Rectifier IRLMS6702TR Datasheet HTML 6Page - International Rectifier IRLMS6702TR Datasheet HTML 7Page - International Rectifier IRLMS6702TR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLMS6702
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20 ––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.005 –––
V/°C Reference to 25°C, ID = -1mA
––– ––– 0.200
VGS = -4.5V, ID = -1.6A ƒ
––– ––– 0.375
VGS = -2.7V, ID = -0.80A ƒ
VGS(th)
Gate Threshold Voltage
-0.70 ––– –––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
1.5 ––– –––
S
VDS = -10V, ID = -0.80A
––– ––– -1.0
VDS = -16V, VGS = 0V
––– ––– -25
VDS = -16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– ––– 100
VGS = 12V
Qg
Total Gate Charge
––– 5.8
8.8
ID = -1.6A
Qgs
Gate-to-Source Charge
––– 1.8
2.6
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
––– 2.1
3.1
VGS = -4.5V, See Fig. 6 and 9 ƒ
td(on)
Turn-On Delay Time
–––
13
–––
VDD = -10V
tr
Rise Time
–––
20
–––
ID = -1.6A
td(off)
Turn-Off Delay Time
–––
21
–––
RG = 6.0Ω
tf
Fall Time
–––
18
–––
RD = 6.1Ω, See Fig. 10 ƒ
Ciss
Input Capacitance
––– 210 –––
VGS = 0V
Coss
Output Capacitance
––– 130 –––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
–––
73
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.2
V
TJ = 25°C, IS = -1.6A, VGS = 0V ƒ
trr
Reverse Recovery Time
–––
25
37
ns
TJ = 25°C, IF = -1.6A
Qrr
Reverse RecoveryCharge
–––
15
22
nC
di/dt = -100A/µs ƒ
Source-Drain Ratings and Characteristics
A
-13
–––
–––
–––
-1.7
–––
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ I
SD ≤ -1.6A, di/dt ≤ -100A/µs, V
DD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ Surface mounted on FR-4 board, t ≤ 5sec.


Número de pieza similar - IRLMS6702TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLMS6702TRPBF IRF-IRLMS6702TRPBF Datasheet
174Kb / 8P
   Generation V Technology
More results

Descripción similar - IRLMS6702TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com