Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

J111-D74Z Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza J111-D74Z
Descripción Electrónicos  This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J111-D74Z Datasheet(HTML) 5 Page - Fairchild Semiconductor

  J111-D74Z Datasheet HTML 1Page - Fairchild Semiconductor J111-D74Z Datasheet HTML 2Page - Fairchild Semiconductor J111-D74Z Datasheet HTML 3Page - Fairchild Semiconductor J111-D74Z Datasheet HTML 4Page - Fairchild Semiconductor J111-D74Z Datasheet HTML 5Page - Fairchild Semiconductor J111-D74Z Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
J111 / J112 / J113 / MMBFJ111 / MMBFJ112 / MMBFJ112_SB51338 / MMBFJ113
Rev. B0
5
Typical Performance Characteristics (continued)
Switching Turn-On Time
vs Gate-Source Voltage
-10
-8
-6
-4
-2
0
0
5
10
15
20
25
V
- GATE-SOURCE CUTOFF VOLTAGE (V)
GS(off)
V
= 3.0V
t
APPROX. I
INDEPENDENT
DD
D
r
V
= 3.0V
T
= 25°C
GS(off)
A
I
= 6.6 mA
V
= -12V
D
GS
t r (ON)
t d (ON)
2.5 mA
- 6.0V
Switching Turn-Off Time
vs Drain Current
02
468
10
0
20
40
60
80
100
I
- DRAIN CURRENT (mA)
D
T
= 25°C
V
= 3.0V
V
= -12V
t
DEVICE
V
INDEPENDENT
GS(off)
A
DD
GS
d(off)
V
= -2.2V
GS(off)
- 4.0V
- 7.5V
t d(off)
t (off)


Número de pieza similar - J111-D74Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
J111-D74Z ONSEMI-J111-D74Z Datasheet
450Kb / 11P
   N-Channel Switch
April, 2021 ??Rev. 4
More results

Descripción similar - J111-D74Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
J113-D74Z FAIRCHILD-J113-D74Z Datasheet
157Kb / 6P
   This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com