Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX7 Datasheet(PDF) 1 Page - EUROQUARTZ limited

No. de pieza CX7
Descripción Electrónicos  Tape and Reel Dimensions for CX Crystals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUROQUARTZ [EUROQUARTZ limited]
Página de inicio  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX7 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  CX7 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
CX CRYSTAL TAPE & REEL
Tape and Reel Dimensions for CX Crystals
Notes:
1. Reel drawing is for reference only
2. The centre hole (hub hole) is per EIA-481 standard 13mm size.
Carrier tape material: 3000 Black Conductive Polycarbonate
CRYSTAL
MAX. QUANTITIES PER REEL
Type
180mm
330mm
Orientation
CX1 SM
1000
4000
Random
CX2 SM
2000
8000
Single pad towards sprocket holes
CX3 SM
2000
8000
Random
CX4 SM
3000
12000
Random
CX4 SM (VP) 3000
12000
Dual pads towards sprocket holes
CX6 SM
2000
12000
Random
CX7 SM
3000
8000
Random
CX8 SM
2000
12000
Random
CX9 SM
3000
8000
Random
CX11 SM
3000
12000
Random
CX14 SM
3000
12000
Random
CX18 SM
4000
12000
Random
REEL SELECTION
Dim. = mm
P1
Ao
Bo
Tape Width
CX1
8.0
4.0
8.4
16
CX2
4.0
2.8
7.1
16
CX3
4.0
2.8
7.1
16
CX4
4.0
2.1
5.5
16
CX4 (VP)
4.0
2.1
5.5
16
CX6
4.0
2.8
7.1
16
CX7
4.0
2.3
4.4
16
CX8
4.0
2.8
7.1
16
CX9
4.0
1.8
4.5
16
CX11
4.0
1.8
3.6
12
CX14
4.0
2.9
3.6
12
CX18
4.0
1.8
3.6
12
PART TO PART INDEXING P , A & B DIMENSIONS
CRYSTAL ORIENTATION IN TAPE CAVITY
Top View
Bottom View
1
0
0


Número de pieza similar - CX7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Beckhoff Automation Gmb...
CX7000 BECKHOFF-CX7000 Datasheet
121Kb / 3P
   Embedded PC with ARM Cortex??M7 processor
CX7080 BECKHOFF-CX7080 Datasheet
138Kb / 4P
   Embedded PC for RS232/RS485
logo
Hirose Electric
CX70M-24P1 HIROSE-CX70M-24P1 Datasheet
393Kb / 2P
   EMBOSSED CARRER TAPE PACKAGING
15.12.11
CX70M-24P1 HIROSE-CX70M-24P1 Datasheet
1Mb / 25P
   USB Type-C Connector
CX70M-24P2 HIROSE-CX70M-24P2 Datasheet
1Mb / 25P
   USB Type-C Connector
More results

Descripción similar - CX7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
TSSOP-8 AOSMD-TSSOP-8 Datasheet
181Kb / 1P
   Tape and Reel Dimensions
logo
EUROQUARTZ limited
CX-1H-SM EUROQUARTZ-CX-1H-SM Datasheet
118Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM EUROQUARTZ-CX-3V-SM Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-1HG-SM EUROQUARTZ-CX-1HG-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2H-SM EUROQUARTZ-CX-2H-SM Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-2-SM1 EUROQUARTZ-CX-2-SM1 Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
CX-3-SM1 EUROQUARTZ-CX-3-SM1 Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM1 EUROQUARTZ-CX-6V-SM1 Datasheet
100Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM EUROQUARTZ-CX-6V-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2 EUROQUARTZ-CX-2 Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com