Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LF1206A302R-10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza LF1206A302R-10
Descripción Electrónicos  Ferrite EMI Chip Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

LF1206A302R-10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LF1206A302R-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers LF1206A302R-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers LF1206A302R-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers LF1206A302R-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

www.lairdtech.com
SIP-BRO-CHIPBEADS-0308
www.lairdtech.com
www.lairdtech.com
CHIP BEAD
PART NUMBER
DESCRIPTION /
SPECIAL
FEATURES
METRIC
PKG.
SIZE
TYPICAL IMPEDANCE (
W )
Typical Peak
Impedance
(
W )
Peak
Impedance
Frequency
(MHz)
DCR
MAX
(
W )
RATED
I MAX
(continuous)
mA
Z @
25 MHz
Z @
100 MHz
Z @
500 MHz
Z @
1 GHz
0603 CHIP BEADS
(continued)
LI0603E151R-10
Low Current
1608
61
150
197
131
209
331
0.250
500
LI0603E470R-10
Low Current
1608
17
47
83
91
91
1,000
0.100
500
LI0603G121R-10
Low Current
1608
52
120
156
113
177
389
0.200
700
LI0603G221R-10
Low Current
1608
98
220
279
168
283
251
0.300
700
LI0603G800R-10
Low Current
1608
32
80
100
91
100
500
0.200
700
MI0603J600R-10
Mid Current
1608
25
60
91
92
95
700
0.100
1,000
MI0603J680R-10
Mid Current
1608
35
68
106
99
110
650
0.100
1,000
MI0603J601R-10
Mid Current
1608
225
600
400
200
620
150
0.200
1,000
MI0603K300R-10
Mid Current
1608
12
30
43
45
45
1,000
0.090
1,500
MI0603L221R-10
Mid Current
1608
107
220
219
121
240
280
0.050
2,000
MI0603L301R-10
Mid Current
1608
50
300
225
120
410
200
0.100
2,000
MI0603M121R-10
Mid Current
1608
55
120
169
138
170
420
0.050
2,500
0805 CHIP BEADS
HI0805O121R-10
High Current
2012
61
120
140
80
167
270
0.020
3,500
HI0805Q310R-10
High Current
2012
12
31
42
44
45
800
0.025
4,500
HI0805R800R-10
High Current
2012
38
80
70
38
100
200
0.010
5,000
HZ0805B222R-10
High Impedance
2012
648
2,200
419
213
2,200
100
0.800
200
HZ0805B272R-10
High Impedance
2012
400
2,700
400
150
2,900
88
0.800
200
HZ0805C202R-10
High Impedance
2012
350
2,000
300
150
2,000
100
0.500
300
HZ0805D102R-10
High Impedance
2012
280
1,000
328
168
1,268
113
0.300
400
HZ0805D152R-10
High Impedance
2012
289
1,500
333
166
1,525
110
0.400
400
HZ0805E601R-10
High Impedance
2012
277
600
304
151
696
155
0.300
500
LI0805G201R-10
Low Current
2012
100
200
221
128
272
250
0.300
700
LI0805G301R-10
Low Current
2012
124
300
248
146
350
205
0.200
700
HZ0805G471R-10
High Impedance
2012
221
470
286
150
572
149
0.200
700
LI0805H121R-10
Low Current
2012
53
120
170
114
170
340
0.150
800
LI0805H151R-10
Low Current
2012
73
150
207
150
210
400
0.150
800
LI0805H750R-10
Low Current
2012
31
75
128
130
132
769
0.150
800
MI0805J102R-10
Mid Current
2012
195
1,000
226
108
1,112
120
0.150
1,000
MI0805K110R-10
Mid Current
2012
5
11
18
19
20
1,000
0.060
1,500
MI0805K400R-10
Mid Current
2012
19
40
60
63
69
903
0.050
1,500
MI0805K601R-10
Mid Current
2012
280
600
240
120
723
130
0.100
1,500
MI0805L301R-10
Mid Current
2012
135
300
271
147
350
200
0.060
2,000
MI0805M221R-10
Mid Current
2012
100
220
274
115
287
260
0.050
2,500
1206 CHIP BEADS
HF1206J150R-10
High Frequency
3216
0.25
2
7
15
111
5,450
0.060
1,000
HI1206N101R-10
High Current
3216
41
100
144
145
150
600
0.035
3,000
HI1206N800R-10
High Current
3216
38
80
120
129
130
800
0.035
3,000
Impedance Curves with multiple levels of applied DC bias are available on www.lairdtech.com.
Specific part dimesionsions, land patterns and soldering profiles available on www.lairdtech.com.


Número de pieza similar - LF1206A302R-10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Laird Tech Smart Techno...
LF1206A302R-10 LSTD-LF1206A302R-10 Datasheet
153Kb / 1P
   this print is the property of laird tech
More results

Descripción similar - LF1206A302R-10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
BLM11A471SGPT MURATA-BLM11A471SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com