Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-0211 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-0211
Descripción Electrónicos  Very High CMR, Wide VCC Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0211 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0211 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0211 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0211 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0211 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0211 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0211 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0211 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0211 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0211 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
85
°C
Average Forward Input Current
I
F(AVG)
10
mA
1
Peak Transient Input Current
(≤ 1 µs Pulse Width, 300 pps)
I
F(TRAN)
1.0
A
1
(≤ 200 µs Pulse Width,
HCNW22XX
40
mA
< 1% Duty Cycle)
Reverse Input Voltage
V
R
5
V
1
HCNW22XX
3
Average Output Current
I
O
25
mA
1
Supply Voltage
V
CC
0
20
V
Output Voltage
V
O
-0.5
20
V
1
Total Package Power Dissipation
P
T
210
mW
2
HCPL-223X
294
Output Power Dissipation
P
O
See Figure 7
1
Lead Solder Temperature (Through Hole Parts Only)
260°C for 10 sec.,
1.6 mm below seating plane
HCNW22XX
260°C for 10 sec., up to seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section
(Surface Mount Parts Only)
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
V
CC
4.5
20
V
Forward Input Current (ON)
I
F(ON)
1.6*
5
mA
HCPL-223X
1.8†
Forward Input Voltage (OFF)
V
F(OFF)
-
0.8
V
Operating Temperature
T
A
-40
85
°C
Junction Temperature
T
J
-40
125
°C
Fan Out
N
4
TTL Loads
*The initial switching threshold is 1.6 mA or less. It is recommended that 2.2 mA be used to permit at least a 20% LED degradation guardband.
†The initial switching threshold is 1.8 mA or less. It is recommended that 2.5 mA be used to permit at least a 20% LED degradation guardband.


Número de pieza similar - HCPL-0211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-0211 HP-HCPL-0211 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCPL-0211 HP-HCPL-0211 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-0211 HP-HCPL-0211 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0211 AVAGO-HCPL-0211 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-0211 AVAGO-HCPL-0211 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results

Descripción similar - HCPL-0211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2232-300E AVAGO-HCPL-2232-300E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2202-300E AVAGO-HCPL-2202-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com