Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9625-2.0EBZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9625-2.0EBZ
Descripción Electrónicos  12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9625-2.0EBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9625-2.0EBZ Datasheet HTML 1Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 2Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 3Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 4Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 5Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 6Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 7Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 8Page - Analog Devices AD9625-2.0EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
AD9625
Data Sheet
AC SPECIFICATIONS
AVDD1 = DVDD1 = DRVDD1 = 1.3 V, AVDD2 = DVDD2 = DRVDD2 = 2.5 V, specified maximum sampling, 1.2 V internal reference,
AIN = −1.0 dBFS, sample clock input = 1.65 V p-p differential, default SPI settings, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Temperature
Min
Typ
Max
Unit
SPEED GRADE
2.0
GSPS
ANALOG INPUT
Full scale
Full
1.1
V p-p
NOISE DENSITY
25°C
−149.5
dBFS/Hz
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 100 MHz
25°C
59.5
dBFS
fIN = 500 MHz
25°C
59.4
dBFS
fIN = 1000 MHz
25°C
59.0
dBFS
fIN = 1800 MHz
Full
55.4
58.2
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 100 MHz
25°C
58.4
dBc
fIN = 500 MHz
25°C
58.4
dBc
fIN = 1000 MHz
25°C
58.0
dBc
fIN = 1800 MHz
Full
54.1
57.2
dBc
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 100 MHz
25°C
9.4
Bits
fIN = 500 MHz
25°C
9.4
Bits
fIN = 1000 MHz
25°C
9.3
Bits
fIN = 1800 MHz
Full
8.7
9.2
Bits
SPURIOUS FREE DYNAMIC RANGE (SFDR)
Including second or third harmonic
fIN = 100 MHz
25°C
80
dBc
fIN = 500 MHz
25°C
81
dBc
fIN = 1000 MHz
25°C
80
dBc
fIN = 1800 MHz
Full
67
76
dBc
WORST OTHER SPUR
Excluding second or third harmonic
fIN = 100 MHz
25°C
80
dBc
fIN = 500 MHz
25°C
86
dBc
fIN = 1000 MHz
25°C
83
dBc
fIN = 1800 MHz
Full
73
85
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
At −7 dBFS per tone
fIN1 = 728.5 MHz, fIN2 = 731.5 MHz
25°C
82.8
dBc
fIN1 = 1805.5 MHz, fIN2 = 1808.5 MHz
25°C
77.6
dBc
DIGITAL SPECIFICATIONS
AVDD1 = DVDD1 = DRVDD1 = 1.3 V, AVDD2 = DVDD2 = DRVDD2 = 2.5 V, specified maximum sampling rate, 1.2 V internal
reference, AIN = −1.0 dBFS, default SPI settings, unless otherwise noted.
Table 3.
Parameter
Temperature
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Differential Input Voltage
Full
250
1800
mV p-p
Common-Mode Input Voltage
Full
0.88
V
Input Resistance (Differential)
Full
57
Input Capacitance
Full
1.5
pF
SYSREF INPUTS (SYSREF+, SYSREF−)
Differential Input Voltage
Full
250
1800
mV p-p
Common-Mode Input Voltage
Full
0.88
V
Rev. 0 | Page 4 of 56


Número de pieza similar - AD9625-2.0EBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9625-2.0EBZ AD-AD9625-2.0EBZ Datasheet
3Mb / 74P
   1.3 V/2.5 V Analog-to-Digital Converter
More results

Descripción similar - AD9625-2.0EBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9625 AD-AD9625_17 Datasheet
3Mb / 74P
   1.3 V/2.5 V Analog-to-Digital Converter
AD9684 AD-AD9684 Datasheet
1Mb / 64P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
5962-0924001VXC TI1-5962-0924001VXC Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_2 Datasheet
1Mb / 50P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com